Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA15QS600-4 Datasheet(PDF) 1 Page - Littelfuse

Part # LA15QS600-4
Description  Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS600-4 Datasheet(HTML) 1 Page - Littelfuse

  LA15QS600-4 Datasheet HTML 1Page - Littelfuse LA15QS600-4 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Purpose Fuses
88
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
LA15QS Semiconductor Fuses
150 VAC • Very Fast Acting • 1 – 6000 Amperes
Specifications
Voltage Rating:
AC: 150 volts
DC: 150 volts
Interrupting Rating:
100,000 Amperes
Ampere Range:
1 – 6000 Amperes
Approvals:
UL Recognized under the components program.
LA 15 QS 400 -4 TI
Style
Littelfuse
Ampere Rating
Mounting Type
Voltage
(150)
Integral Blown-
Fuse Indicator
Ferrule
1
Ferrule, midget dim.
2
Blades/Bolt-in
4
Hockey Puck, bolt-in
128
Trigger Indicator
TI
Trigger Actuator
IL
Contact Littelfuse for characteristic curves.
Note: Mounting types and integral blown fuse indicators are optional for
specified ratings.
Littelfuse LA15QS series Semiconductor fuses were designed for the
specific protection of diodes and other semiconductor devices rated
150VAC/DC. The LA15QS product line compact design is perfect for
those applications that have limitations on available space.
Features
• Low I2t minimizes damage to protected components on short-circuit.
• Controlled arc voltage reduces stress to circuit components during
fuse clearing.
• Choice of mounting types provides options for unique termination
requirements.
• Indicator options allow identification of blown fuses.
Applications
Protection of heavy duty devices such as electromechanical rectifiers.
Ordering Information


Similar Part No. - LA15QS600-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS600-4 LITTELFUSE-LA15QS600-4 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS600-4 LITTELFUSE-LA15QS600-4 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS600-4 LITTELFUSE-LA15QS600-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS600-4IL LITTELFUSE-LA15QS600-4IL Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS600-4IL LITTELFUSE-LA15QS600-4IL Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
More results

Similar Description - LA15QS600-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com