Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF-AT4611-B Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HRF-AT4611-B
Description  31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-AT4611-B Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HRF-AT4611-B Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 4Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 5Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 6Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 7Page - Honeywell Solid State Electronics Center HRF-AT4611-B Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HRF-AT4611
Preliminary
________________________________________________________________________________________________________
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 4611W
Published June 2002
Page 4
Plymouth, Minnesota 55441-4799
1-800-323-8295
Truth Table
Evaluation Circuit Board
Evaluation Circuit Board Layout Design Details
HRF-AT4611 Evaluation Board
Honeywell's evaluation board provides
an easy to use method of evaluating the
RF
performance
of
our
attenuator.
Simply connect power, DC and RF
signals
to
be
measuring
attenuator
performance in less than 10 minutes.
S5
S4
S3
S2
S1
S0
Output
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
1
0
0
0
0
1
0
0
1
0
0
0
1
0
0
0
1
0
0
1
0
0
0
0
1
0
1
0
0
0
0
0
1
Reference Input
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
Operation: Data on serial input D is clocked into internal registers on the low to high transition of the Clock signal (CK). The register
output is enabled when Output Enable (OE) is in the low state.
"0" = CMOS Low, "1" = CMOS High.
Item
Description
PCB
Impedance Matched Multi-Layer FR4
Attenuator
HRF-AT4611 Digital Attenuator
Chip Capacitor
Panasonic Model ECU-E1C103KBQ Capacitor, .01uf 0402 10% 16V
RF Connector
Johnson Connectors Model 142-0701-801 SMA RF Coaxial Connector
DC Pin
Mil-Max Model 800-10-064-10-001 Header Pins


Similar Part No. - HRF-AT4611-B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-B HONEYWELL-HRF-AT4610-B Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-E HONEYWELL-HRF-AT4610-E Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-TR HONEYWELL-HRF-AT4610-TR Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
More results

Similar Description - HRF-AT4611-B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
   15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com