Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8548 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8548
Description  High-Performance 48-lane, 9-port PCIe Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8548 Datasheet(HTML) 1 Page - PLX Technology

  PEX8548 Datasheet HTML 1Page - PLX Technology PEX8548 Datasheet HTML 2Page - PLX Technology PEX8548 Datasheet HTML 3Page - PLX Technology PEX8548 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High-Performance 48-lane, 9-port PCIe Switch
Features
PEX 8548 General Features
o
48-lane PCI Express switch
-
Integrated SerDes
o
Up to nine configurable ports
(x1, x2, x4, x8, x16)
o
37.5mm x 37.5mm,
736-ball PBGA package
o
Typical Power: 4.9 Watts
PEX 8548 Key Features
o
Standard Compliant
-
PCI Express Base Specification, r1.1
o
High Performance
-
Non-blocking switch fabric
-
Full line rate on all ports
-
Packet Cut-Thru with 110ns max
packet latency (x16 to x16)
o
Flexible Configuration
-
Nine highly flexible & configurable
ports (x1, x2, x4, x8, or x16)
-
Configurable with strapping pins,
EEPROM, I
2C, or Host software
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0,
L0s, L1, L2/L3 Ready, and L3
-
Device states: D0 and D3hot
o
Quality of Service (QoS)
-
One Virtual Channel per port
-
Eight Traffic Classes per port
-
Weighted Round-Robin Ingress Port
Arbitration
o
Reliability, Availability, Serviceability
-
3 Standard Hot-Plug Controllers
-
Upstream port as hot-plug client
-
Transaction Layer end-to-end CRC
-
Poison bit
-
INTA# interrupt signal
-
Fatal Error (FATAL_ERR#) signal
(legacy SERR equivalent)
-
PCIe baseline error reporting
-
Advanced Error Reporting
-
Port Status bits and GPO available
-
Per port error diagnostics
• Bad DLLPs
• Bad TLPs
• CRC errors
-
JTAG boundary scan
Multi-purpose, High Performance ExpressLane™ Switch
The ExpressLane PEX 8548 device offers PCI Express switching capability
enabling users to add scalable high bandwidth, non-blocking interconnection
to a wide variety of applications including servers, storage systems,
communications platforms, blade servers, and embedded-control
products. The PEX 8548 is well suited for fan-out, aggregation, dual-
graphics, peer-to-peer, and fabric backplane applications.
Highly Flexible Port Configurations
The PEX 8548 offers highly configurable ports. There are a maximum of 9
ports that can be configured to any legal width from x1 to x16, in any
combination to support your specific bandwidth needs. The ports can be
configured for symmetric (each port having the same lane width and traffic
load) or asymmetric (ports having different lane widths) traffic. In the event
of asymmetric traffic, the PEX 8548 features a flexible central packet
memory that allocates a memory buffer for each port as required by the
application or endpoint. This buffer allocation along with the device's
flexible packet flow control minimizes bottlenecks when the upstream and
aggregated downstream bandwidths do not match (are asymmetric). Any of
the ports can be designated as the upstream port, which can be changed
dynamically.
High Performance
The PEX 8548 architecture supports packet cut-thru with a max latency of
110ns (x16 to x16). This, combined with large packet memory (1024 byte
maximum payload size) and non-blocking internal switch architecture,
provide full line rate on all ports for performance-hungry applications such as
storage servers or storage switch fabrics.
End-to-end Packet Integrity
The PEX 8548 provides end-to-end CRC protection (ECRC) and Poison bit
support to enable designs that require end-to-end data integrity. These
features are optional in the PCI Express specification, but PLX provides
them across its entire ExpressLane switch product line.
Configuration Flexibility
The PEX 8548 provides several ways to configure its operations. The device
can be configured through strapping pins, I
2C interface, CPU configuration
cycles, or an optional serial EEPROM. This allows for easy debug during the
development phase, performance monitoring during the operation phase, and
driver or software upgrade.
Interoperability
The PEX 8548 is designed to be fully compliant with the PCI Express Base
Specification r1.1. Additionally, it supports auto-negotiation, lane reversal,
and polarity reversal. The PEX 8548 also undergoes thorough
interoperability testing in PLX’s Interoperability Lab.
PEX 8548
Version 1.5 2007


Similar Part No. - PEX8548

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8548 AVAGO-PEX8548 Datasheet
249Kb / 4P
   High-Performance 48-lane, 9-port PCIe Switch
More results

Similar Description - PEX8548

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8548 AVAGO-PEX8548 Datasheet
249Kb / 4P
   High-Performance 48-lane, 9-port PCIe Switch
logo
PLX Technology
PEX8525 PLX-PEX8525 Datasheet
277Kb / 4P
   High-Performance 24-lane, 5-port PCIe Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
   PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
PLX Technology
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
   PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Renesas Technology Corp
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48H12G2 RENESAS-89HPES48H12G2 Datasheet
551Kb / 45P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
logo
PLX Technology
PEX8714 PLX-PEX8714 Datasheet
375Kb / 4P
   12-lane, 5-port PCIe Gen3 switch
PEX8718 PLX-PEX8718 Datasheet
348Kb / 4P
   16-lane, 5-port PCIe Gen3 switch
logo
Integrated Device Techn...
89HPES48T12 IDT-89HPES48T12 Datasheet
1Mb / 47P
   48-Lane 12-Port PCI Express짰 Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com