Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK761R8-30C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK761R8-30C
Description  N-channel TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK761R8-30C Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK761R8-30C Datasheet HTML 1Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 2Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 3Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 4Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 5Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 6Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 7Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 8Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BUK761R8-30C_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
5 of 15
NXP Semiconductors
BUK761R8-30C
N-channel TrenchMOS standard level FET
5.
Thermal characteristics
6.
Characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
mounted on printed circuit board;
minimum footprint
-50
-
K/W
Rth(j-mb)
thermal resistance
from junction to
mounting base
see Figure 5
-
-
0.45
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aab340
single shot
0.2
0.1
0.05
0.02
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
δ = 0.5
tp
T
P
t
tp
T
δ =
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 μA; VGS =0V;
Tj =25 °C
30
-
-
V
ID =250 μA; VGS =0V;
Tj =-55 °C
27
-
-
V
VGSth
gate-source threshold
voltage
ID =1mA; VDS = VGS;
Tj =-55 °C; see Figure 10
--
4.4
V
ID =1mA; VDS = VGS;
Tj = 175 °C; see Figure 11 and
10
1-
-
V
ID =1mA; VDS = VGS; Tj =25 °C;
see Figure 11 and 10
23
4V


Similar Part No. - BUK761R8-30C

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK761R8-30C NEXPERIA-BUK761R8-30C Datasheet
325Kb / 16P
   N-channel TrenchMOS standard level FET
Rev. 02 - 20 August 2007
More results

Similar Description - BUK761R8-30C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com