Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM30CY-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # QM30CY-H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30CY-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  QM30CY-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30CY-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30CY-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30CY-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30CY-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
10
23 4 5 7
1
10
23 4 5 7
2
10
Tj=25°C
Tj=125°C
IB=0.4A
–1
10
VBE(sat)
VCE(sat)
100
80
60
40
20
0
01
2
3
4
5
Tj=25°C
IB=0.5A
IB=0.1A
IB=0.3A
IB=1.0A
IB=2.0A
1
10
7
5
4
3
2
0
10
7
5
4
3
2
1.0
3.0
2.6
2.2
1.8
1.4
–1
10
Tj=25°C
VCE=2.0V
3
10
7
5
4
3
2
2
10
7
5
4
3
2
1
10
0
10
23 4 5 7
1
10
23 4 5 7
2
10
Tj=25°C
Tj=125°C
VCE=2.0V
VCE=5.0V
7
5
4
3
2
7
5
4
3
2
0
1
2
3
4
5
–2
10
Tj=25°C
Tj=125°C
IC=30A
0
10
–1
10
IC=10A
IC=20A
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
10
23 4 5 7
1
10
23 4 5 7
2
10
ts
ton
tf
Tj=25°C
Tj=125°C
–1
10
IB1=–IB2=0.6A
VCC=300V
PERFORMANCE CURVES
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SWITCHING TIME VS. COLLECTOR
CURRENT (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
BASE CURRENT
IB (A)
COLLECTOR CURRENT
IC (A)
MITSUBISHI TRANSISTOR MODULES
QM30CY-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM30CY-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM30 MITSUBISHI-QM30 Datasheet
72Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
74Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
74Kb / 6P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM30CY-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com