Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5964 Datasheet(PDF) 6 Page - SyncMOS Technologies,Inc

Part # SM5964
Description  8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964 Datasheet(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM5964_06 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SyncMOS Technologies International, Inc.
SM5964
8-Bits Micro-controller
64KB ISP flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.2 SM5964 08/2006
6
Extension Function Description
1. Memory Structure
The SM5964 is the general 8052 hardware core to integrate the ISP function as a single chip micro controller. It’s
memory structure follows general 8052 structure .
1.1 Program Memory
The SM5964 has 64K byte on-chip flash memory which used as general program memory, on which include up to 4K
byte specific ISP service program memory space. The address range for the 64K byte is $0000 to $FFFF. The address
range for the ISP service program is $F000 to $FFFF. The ISP service program size can be partitioned as N blocks of
512 byte (N=0 to 8). When N=0 means no ISP service program space available, total 64K byte memory used as
program memory. When N=1 means memory address $FE00 to $FFFF reserved for ISP service program. When N=2
means memory address $FC00 to FFFF reserved for ISP service program,...etc. Value N can be set and programmed
into SM5964 by writer.
1.1.1 Program Code Security
MOVC instruction executed from external program memory space will not be able to fetch internal codes from on chip
program memory after the chip is protected on the Writer.
.


Similar Part No. - SM5964_06

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AL25 SYNCMOS-SM5964AL25 Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Similar Description - SM5964_06

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com