Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5964 Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM5964
Description  8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964 Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM5964 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SyncMOS Technologies International, Inc.
SM5964
8-Bits Micro-controller
64KB ISP flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.2 SM5964 08/2006
9
3. In-System Programming (ISP) Function
The SM5964 can generate flash control signal by internal hardware circuit. User utilize flash control register, flash
address register and flash data register to perform the ISP function without removing the SM5964 from the system.
The SM5964 provides internal flash control signals which can do flash program/chip erase/page erase/protect
functions. User need to design and use any kind of interface which SM5964 can input data. User then utilize ISP
service program to perform the flash program/chip erase/page erase/protect functions.
3.1 ISP Service Program
The ISP service program is a user developed firmware program which resides in the ISP service program space. After
user developed the ISP service program, user then determine the size of the ISP service program. User need to
program the ISP service program in the SM5964 for the ISP purpose.
The ISP service program were developed by user so that it should includes any features which relates to the flash
memory programming function as well as communication protocol between SM5964 and host device which output data
to the SM5964. For example, if user utilize UART interface to receive/transmit data between SM5964 and host device,
the ISP service program should include baud rate, checksum or parity check or any error-checking mechanism to
avoid data transmission error.
The ISP service program can be initiated under SM5964 active or idle mode. It can not be initiated under power down
mode.
3.2 Lock Bit (N)
The Lock Bit N has two functions: one is for service program size configuration and the other is to lock the ISP service
program space from flash erase function.
The ISP service program space address range from $F000 to $FFFF. It can be divided as blocks of N*512 byte. (N=0
to 8). When N=0 means no ISP function, all of 64K byte flash memory can be used as program memory. When N=1
means ISP service program occupies 512 byte while the rest of 63.5K byte flash memory can be used as program
memory. The maximum ISP service program allowed is 4K byte for N=8. Under such configuration, the usable
program memory space is 60K byte.
After N determined, SM5964 will reserve the ISP service program space downward from the top of the program
address $FFFF. The start address of the ISP service program located at $Fx00 while x is an even number, depending
on the lock bit N. Please see page 7 program memory diagram for this ISP service program space structure.


Similar Part No. - SM5964

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Similar Description - SM5964

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com