Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RD2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89CV51RD2
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RD2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89CV51RD2 Datasheet HTML 6Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 7Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 8Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 9Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 10Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 11Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 12Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 13Page - NXP Semiconductors P89CV51RD2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
DPTR
Data Pointer (2 B)
DPH
Data Pointer High
83H
--------
DPL
Data Pointer Low
82H
--------
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IE*
Interrupt Enable
A8H
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP*
Interrupt Priority Low
B8H
-
PPC
PT2
PS
PT1
PX1
PT0
PX0
IPH
Interrupt Priority High
B7H
-
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
CEX4/
SPICLK
CEX3/
MISO
CEX2/
MOSI
CEX1/SS
CEX0
ECI
T2EX
T2
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
A15
A14
A13
A12
A11
A10
A9
A8
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TXD
RXD
PCON
Power Control
87H
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program Status Word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
RCAP2H
Timer 2 Capture High
CBH
--------
RCAP2L
Timer 2 Capture Low
CAH
--------
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
Serial port data Buffer
99H
--------
SADDR
Serial port Address
A9H
--------
SADEN
Serial port Address Enable
B9H
--------
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
address
Bit functions and addresses[1]
MSB
LSB


Similar Part No. - P89CV51RD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RD2 NXP-P89CV51RD2 Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
P89CV51RD2FA NXP-P89CV51RD2FA Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
P89CV51RD2FBC NXP-P89CV51RD2FBC Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
More results

Similar Description - P89CV51RD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2_09 Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com