Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RC2FBC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89CV51RC2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RC2FBC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89CV51RC2FBC Datasheet HTML 3Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 4Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 5Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 6Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 7Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 8Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 9Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 10Page - NXP Semiconductors P89CV51RC2FBC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
7 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
P2[1]/A9
25
19
I/O
P2[1] — Port 2 bit 1.
O
A9 — Address bit 9.
P2[2]/A10
26
20
I/O
P2[2] — Port 2 bit 2.
O
A10 — Address bit 10.
P2[3]/A11
27
21
I/O
P2[3] — Port 2 bit 3.
O
A11 — Address bit 11.
P2[4]/A12
28
22
I/O
P2[4] — Port 2 bit 4.
O
A12 — Address bit 12.
P2[5]/A13
29
23
I/O
P2[5] — Port 2 bit 5.
O
A13 — Address bit 13.
P2[6]/A14
30
24
I/O
P2[6] — Port 2 bit 6.
O
A14 — Address bit 14.
P2[7]/A15
31
25
I/O
P2[7] — Port 2 bit 7.
O
A15 — Address bit 15.
P3[0] to P3[7]
I/O with
internal
pull-up
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3
pins are pulled HIGH by the internal pull-ups when 1s are written to them
and can be used as inputs in this state. As inputs, Port 3 pins that are
externally pulled LOW will source current (IIL) because of the internal
pull-ups.
P3[0]/RXD
11
5
I/O
P3[0] — Port 3 bit 0.
I
RXD — Serial input port.
P3[1]/TXD
13
7
I/O
P3[1] — Port 3 bit 1.
O
TXD — Serial output port.
P3[2]/INT0
14
8
I/O
P3[2] — Port 3 bit 2.
I
INT0 — External interrupt 0 input.
P3[3]/INT1
15
9
I/O
P3[3] — Port 3 bit 3.
I
INT1 — External interrupt 1 input.
P3[4]/T0
16
10
I/O
P3[4] — Port 3 bit 4.
I
T0 — External count input to timer/counter 0.
P3[5]/T1
17
11
I/O
P3[5] — Port 3 bit 5.
I
T1 — External count input to timer/counter 1.
P3[6]/WR
18
12
I/O
P3[6] — Port 3 bit 6.
O
WR — External data memory write strobe.
P3[7]/RD
19
13
I/O
P3[7] — Port 3 bit 7.
O
RD — External data memory read strobe.
PSEN
32
26
O
Program Store Enable: PSEN is the read strobe for external program
memory. When the device is executing from internal program memory,
PSEN is inactive (HIGH). When the device is executing code from external
program memory, PSEN is activated twice each machine cycle, except that
two PSEN activations are skipped during each access to external data
memory.
Table 3.
P89CV51RB2/RC2/RD2 Pin description …continued
Symbol
Pin
Type
Description
PLCC44
TQFP44


Similar Part No. - P89CV51RC2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RC2FBC NXP-P89CV51RC2FBC Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
More results

Similar Description - P89CV51RC2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2_09 Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com