Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5964AIHHKL Datasheet(PDF) 2 Page - SyncMOS Technologies,Inc

Part # SM5964AIHHKL
Description  8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964AIHHKL Datasheet(HTML) 2 Page - SyncMOS Technologies,Inc

  SM5964AIHHKL Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964AIHHKL Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SyncMOS Technologies International, Inc.
SM5964A
8-Bit Micro-controller
With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.3 SM5964A
10/2006
2
Pin Configuration
Package Spec.
K
Package
Pin / PAD
J
44L PLCC
Figure 1
Q
44L QFP
Figure 2
P
40L PDIP
Figure 3
Figure 1
44L PLCC Package
Figure 2
44L QFP Package
Figure 3
40L PDIP Package


Similar Part No. - SM5964AIHHKL

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
More results

Similar Description - SM5964AIHHKL

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com