Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8051 Datasheet(PDF) 6 Page - SyncMOS Technologies,Inc

Part # SM8051
Description  8 - Bit Micro-controller with 4/8KB ROM embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8051 Datasheet(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM8051 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8051 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
6/16
Ver 1.1
SM8051/8052 07/2005
SyncMOS Technologies Inc.
SM8051/8052
Watch Dog Timer Registers - WDT Control Register (WDTC, $9F)
WDTE : Watch Dog Timer enable bit
CLEAR : Watch Dog Timer reset bit
PS2 ~ PS0 : clock source divider bit
PS [2:0]
Divider (OSC in)
Time Period (ms) @40MHZ
000
8
13.1
001
16
26.21
010
32
52.42
011
64
104.8
100
128
209.71
101
256
419.43
110
512
838.86
111
1024
1677.72
Watch Dog Timer Register - System Control Register (SCONF, $BF)
The bit 7(WDR) of SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated
by WDT overflow. User should check WDR bit whenever un-predicted reset happened.
Reduce EMI Function
The SM8051/8052 allows user to reduce the EMI emission by setting 1 to the bit 0 (ALEI) of SCONF register. This
function will inhibit the clock signal in Fosc/6Hz output to the ALE pin. This function is available when there is
no external program memory or no external data RAM in the system.
WDTE
Unused
CLEAR
Unused
Unused
PS2
PS1
PS0
0
*
0
*
*
0
0
0
WDR
Unused
Unused
Unused
Unused
Unused
Unused
ALEI
0
*
*
*
*
*
*
0
Reset
value
MSB
LSB
Reset
value
MSB
LSB
WDR : Watch Dog Timer Reset. When system reset by Watch Dog Timer overflow, WDR will be set to 1
ALEI : ALE output inhibit bit, to reduce EMI


Similar Part No. - SM8051

ManufacturerPart #DatasheetDescription
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
   Magnetic-inductive flow meter
More results

Similar Description - SM8051

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
logo
List of Unclassifed Man...
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
   Mask-ROM 8-Bit CMOS Micro-controller
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com