Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8595 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8595
Description  I2C-bus controlled 4 쨈 45 W power amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8595 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8595 Datasheet HTML 4Page - NXP Semiconductors TDA8595 Datasheet HTML 5Page - NXP Semiconductors TDA8595 Datasheet HTML 6Page - NXP Semiconductors TDA8595 Datasheet HTML 7Page - NXP Semiconductors TDA8595 Datasheet HTML 8Page - NXP Semiconductors TDA8595 Datasheet HTML 9Page - NXP Semiconductors TDA8595 Datasheet HTML 10Page - NXP Semiconductors TDA8595 Datasheet HTML 11Page - NXP Semiconductors TDA8595 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
TDA8595_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 November 2007
8 of 50
NXP Semiconductors
TDA8595
I2C-bus controlled 4
× 45 W power amplifier
7.6 Speaker protection
To prevent damage of the speaker when one side of the speaker is connected to ground, a
missing current protection is implemented. When in one channel the current in the high
side power is not equal to the current in the low side power, a fault condition is assumed
and the channel will be switched off. The speaker protection will be activated under the
following conditions:
Vo < 1.75 V and Imissing(det) > 1 A during 80 µs
Vo > 1.75 V and Imissing(det) > 3 A during 80 µs
7.7 Standby and mute operation
The function of the STB pin is different in legacy mode and I2C-bus mode.
7.7.1 I2C-bus mode
When the STB pin is LOW, the total quiescent current is low, and the I2C-bus lines will not
be loaded.
When the STB pin is switched HIGH the TDA8595 is put in operating condition and will
perform a power-on reset, which results in a LOW-level DIAG pin. The TDA8595 will start
up when instruction bit IB1[D0] is set. Bit D0 will also reset the ‘power-on reset occurred’
bit (DB2[D7]) and releases the DIAG pin.
The soft mute and soft mute can be activated via the I2C-bus. The soft mute can be
activated independently for the front channels (channel 1 and channel 3) and rear
channels (channel 2 and channel 4), and mutes the audio in 20 ms. The fast mute
activates the mute for all channels at the same time and mutes the audio in 0.1 ms.
Releasing the mute after a fast mute will be by a soft un-mute of approximately 20 ms.
When the STB pin is switched to Standby mode and the amplifier has started, first the fast
mute will be activated and then the amplifier will shut-down. For instance, during an
engine start, it is possible to fully mute the amplifiers within 100
µs by switching the
STB pin to zero.
7.7.2 Legacy mode (pin ADSEL connected to ground)
The function of the STB pin will change from standby/operating to standby/mute/operating
and the amplifier will start directly when the STB is put into mute or operating. Mute
operating is controlled via an internal timer (20 ms) to minimize mute-on pops. When the
STB pin is switched directly from operating to standby, first the fast mute will be activated
(switching to mute within 100
µs) and then the amplifier will shut-down.
7.8 Start-up and shut-down sequence
To prevent the amplifier producing switch-on or switch-off pop noise, the capacitor on the
SVR pin is used for smooth start-up and shut-down. Increasing the value of the SVR
capacitor will mean a longer start-up and shut-down time. The amplifier output voltage is
charged to half the supply voltage minus 1.4 V in mute condition, independent of the
I2C-bus mute settings in I2C-bus mode or pin STB voltage in legacy mode. The last 1.4 V,
where the output will reach half the supply voltage, is used to release the mute if the
I2C-bus bits (IB2[D2:D0] = 000) were set to mute-off (VSTB > 6.5 V in legacy mode), or will
stay in mute when the bits were set to mute (2.6V<VSTB < 4.5 V in legacy mode).


Similar Part No. - TDA8595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results

Similar Description - TDA8595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TFA9800J NXP-TFA9800J Datasheet
136Kb / 17P
   2 쨈 7 W stereo power amplifier
Rev. 01-17 March 2006
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com