Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8566Q Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8566Q
Description  2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566Q Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8566Q Datasheet HTML 1Page - NXP Semiconductors TDA8566Q Datasheet HTML 2Page - NXP Semiconductors TDA8566Q Datasheet HTML 3Page - NXP Semiconductors TDA8566Q Datasheet HTML 4Page - NXP Semiconductors TDA8566Q Datasheet HTML 5Page - NXP Semiconductors TDA8566Q Datasheet HTML 6Page - NXP Semiconductors TDA8566Q Datasheet HTML 7Page - NXP Semiconductors TDA8566Q Datasheet HTML 8Page - NXP Semiconductors TDA8566Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
2 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
3.
Quick reference data
[1]
The circuit is DC adjusted at VP = 6 V to 18 V and AC operating at VP = 8.5 V to 18 V.
[2]
Vripple =Vripple(max) = 2 V (p-p); Rs =0 Ω.
[3]
Common mode rejection ratio measured at the output (over RL) with both inputs tied together;
Vcommon ≤ 3.5 V (RMS); fi = 100 Hz to 10 kHz; Rs =0 Ω.
[4]
Noise measured in a bandwidth of 20 Hz to 20 kHz.
4.
Ordering information
Table 1.
Quick reference data
VP = 14.4 V; Tamb =25 °C; fi = 1 kHz; measured in test circuit of Figure 9; unless otherwise
specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] 6
14.4
18
V
IORM
repetitive peak output
current
-
-
7.5
A
Iq
quiescent current
RL = ∞Ω
-
115
180
mA
Istb
standby current
-
0.1
10
µA
Zi
input impedance
differential
100
120
150
k
Po
output power
RL =4 Ω; THD = 10 %
21
25
-
W
RL =2 Ω; THD = 10 %
33
40
-
W
SVRR
supply voltage ripple
rejection
operating
[2] 50
60
-
dB
αcs
channel separation
Po = 25 W; Rs =10kΩ
45
50
-
dB
CMRR
common mode rejection
ratio
Rs =0 Ω
[3] 60
75
-
dB
Gv
closed loop voltage gain
25
26
27
dB
Vn(o)
noise output voltage
operating; Rs =0 Ω
[4] -
85
120
µV
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8566TH
HSOP20
plastic, heatsink small outline package; 20 leads; low stand-off height
SOT418-3
TDA8566TH1
HSOP24
plastic, heatsink small outline package; 24 leads; low stand-off height
SOT566-3
TDA8566Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


Similar Part No. - TDA8566Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results

Similar Description - TDA8566Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com