Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58631TK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA58631TK
Description  3 W BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58631TK Datasheet(HTML) 5 Page - NXP Semiconductors

  SA58631TK Datasheet HTML 1Page - NXP Semiconductors SA58631TK Datasheet HTML 2Page - NXP Semiconductors SA58631TK Datasheet HTML 3Page - NXP Semiconductors SA58631TK Datasheet HTML 4Page - NXP Semiconductors SA58631TK Datasheet HTML 5Page - NXP Semiconductors SA58631TK Datasheet HTML 6Page - NXP Semiconductors SA58631TK Datasheet HTML 7Page - NXP Semiconductors SA58631TK Datasheet HTML 8Page - NXP Semiconductors SA58631TK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SA58631_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2007
5 of 21
NXP Semiconductors
SA58631
3 W BTL audio amplifier
9.
Limiting values
[1]
AC and DC short-circuit safe voltage.
10. Thermal characteristics
[1]
Thermal resistance is 28 K/W with DAP soldered to 32 cm2 (5 in2), 35
µm copper (1 ounce copper) heat
spreader.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3
V
IORM
repetitive peak output current
-
1
A
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
VP(sc)
short-circuit supply voltage
[1] -10
V
Ptot
total power dissipation
HVSON8
-
2.3
W
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
free air
80
K/W
9.7 cm2 (1.5 in2)
heat spreader
[1] 32
K/W
32 cm2 (5 in2)
heat spreader
[1] 28
K/W
Rth(j-sp)
thermal resistance from junction to
solder point
5
K/W


Similar Part No. - SA58631TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
More results

Similar Description - SA58631TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com