Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA822IDGS Datasheet(PDF) 4 Page - Texas Instruments

Part # VCA822IDGS
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA822IDGS Datasheet(HTML) 4 Page - Texas Instruments

  VCA822IDGS Datasheet HTML 1Page - Texas Instruments VCA822IDGS Datasheet HTML 2Page - Texas Instruments VCA822IDGS Datasheet HTML 3Page - Texas Instruments VCA822IDGS Datasheet HTML 4Page - Texas Instruments VCA822IDGS Datasheet HTML 5Page - Texas Instruments VCA822IDGS Datasheet HTML 6Page - Texas Instruments VCA822IDGS Datasheet HTML 7Page - Texas Instruments VCA822IDGS Datasheet HTML 8Page - Texas Instruments VCA822IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
At AVMAX = +10V/V, RF = 1kΩ, RG = 200Ω, and RL = 100Ω, unless otherwise noted.
VCA822
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL
(1)
OUTPUT
Output voltage swing
RL = 1kΩ
±4.0
±3.8
±3.75
±3.7
V
min
A
RL = 100Ω
±3.9
±3.7
±3.6
±3.5
V
min
A
Output current
VO = 0V, RL = 5Ω
±160
±140
±130
±130
mA
min
A
Output impedance
AVMAX = +10V/V, f > 100kHz, VG = 1V
0.01
typ
C
POWER SUPPLY
Specified operating voltage
±5
V
typ
C
Minimum operating voltage
±3.5
V
typ
C
Maximum operating voltage
±6
±6
±6
V
max
A
Maximum quiescent current
VG = 0V
36
37
37.5
38
mA
max
A
Minimum quiescent current
VG = 0V
36
34.5
34
33.5
mA
max
A
Power-supply rejection ratio (–PSRR)
VG = +1V
–68
–61
–59
–58
dB
min
A
THERMAL CHARACTERISTICS
Specified operating range, D package
–40 to +85
°C
typ
C
Thermal resistance,
θ
JA
Junction-to-ambient
DGS
MSOP-10
130
°C/W
typ
C
D
SO-14
80
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): VCA822


Similar Part No. - VCA822IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI1-VCA822 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA822IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com