Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF909R Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF909R
Description  N-channel dual gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF909R Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF909R Datasheet HTML 3Page - NXP Semiconductors BF909R Datasheet HTML 4Page - NXP Semiconductors BF909R Datasheet HTML 5Page - NXP Semiconductors BF909R Datasheet HTML 6Page - NXP Semiconductors BF909R Datasheet HTML 7Page - NXP Semiconductors BF909R Datasheet HTML 8Page - NXP Semiconductors BF909R Datasheet HTML 9Page - NXP Semiconductors BF909R Datasheet HTML 10Page - NXP Semiconductors BF909R Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF909; BF909R
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
Fig.12 Drain current as a function of gate 2 voltage;
typical values; see Fig.18.
handbook, halfpage
024
6
20
0
16
MLB944
12
8
4
I D
(mA)
4.5 V
4 V
3.5 V
3 V
V
= 5 V
GG
V
(V)
G2 S
Fig.13 Gate 1 current as a function of gate 2
voltage; typical values; see Fig.18.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
handbook, halfpage
02
46
40
30
10
0
20
MLB945
I G1
(
µA)
V
(V)
G2 S
4.5 V
4 V
3.5 V
3 V
V
= 5 V
GG
Fig.14 Input admittance as a function of frequency;
typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLB946
102
10
10 1
10 2
10
1
y is
(mS)
f (MHz)
b is
g is
Fig.15 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
10 3
MLB947
102
10
10 3
10 2
10
1
y rs
10 3
10
10
1
2
rs
(
µS)
f (MHz)
rs
yrs
(deg)
ϕ
ϕ
Rev. 02 - 19 November 2007
7 of 12


Similar Part No. - BF909R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF909R PHILIPS-BF909R Datasheet
148Kb / 11P
   N-channel dual gate MOS-FETs
1995 Apr 25
BF909R NXP-BF909R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF909R

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com