Selected language     English  ā–¼


SM79108C40 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part No. SM79108C40
Description  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNCMOS [SyncMOS Technologies,Inc]
Homepage  http://www.syncmos.com.tw
Logo 

 8 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
8/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
3. Port 4 for PLCC or QFP package:
The bit addressable port 4 is available with PLCC or QFP package. The port 4 has only 4 pins and its port address is
located at 0D8H. The function of port 4 is the same as the function of port 1, port 2 and port 3.
Port4 (P4, 0D8H)
The bit 3, bit 2, bit 1, bit 0 output the setting to pin P4.3, P4.2, P4.1, P4.0 respectively.
4. SPWM Function Description:
The 8-bit SPWM channel is composed of an 8-bit register which contains a 5-bit SPWM in MSB portion and a 3-bit binary
rate multiplier (BRM) in LSB portion. The value programmed in the 5-bit SPWM portion will determine the pulse length of
the output. The 3-bit BRM portion will generate and insert certain narrow pulses among an 8-SPWM-cycle frame. The
number of pulses generated is equal to the number programmed in the 3-bit BRM portion. The usage of the BRM is to
generate equivalent 8-bit resolution SPWM type DAC with reasonably high repetition rate through 5-bit SPWM clock
speed. The SPFS[1:0] settings of SPWMC (0A3H) register are divided of Fosc to be SPWM clock, Fosc/
2^(SPFS[1:0]+1). The SPWM output cycle frame repetition rate (frequency) equals (SPWM clock)/32 which is [Fosc/
2^(SPFS[1:0]+1)]/32.
4.1 SPWM Registers - P1CON, SPWMC0, SPWMD0
SPWM Registers - Port1 Configuration Register (P1CON, 9BH)
SPWME0 : When the bit set to one, the corresponding SPWM pin is active as SPWM function. When the bit reset
to zero, the corresponding SPWM pin is active as I/O pin. Four bits are cleared upon reset.
PWME0 : When the bit set to one, the corresponding PWM pin is active as PWM function. When the bit reset
to zero, the corresponding PWM pin is active as I/O pin. Four bits are cleared upon reset.
SPWM Registers - SPWM Control Register (SPWMC, 0A3H)
bit-7
bit-0
Unused
Unused
Unused
Unused
P4.3
P4.2
P4.1
P4.0
Read / Write:
----
R/W
R/W
R/W
R/W
Reset value:
****
1111
bit-7
bit-0
Unused
Unused
PWME0
Unused
Unused
SPWME0
Unused
Unused
Read / Write:
-
-
R/W
-
-
R/W
-
-
Reset value:
*
*
0
*
*
0
*
*
bit-7
bit-0
Unused
Unused
Unused
Unused
Unused
Unused
SPFS1
SPFS0
Read / Write:
------
R/W
R/W
Reset value:
******
0
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8958A8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM592648 - Bit Micro-controller with 128KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R1_068-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R18-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM5964A8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8954A8-Bits Micro-controller With 16KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM59648 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8958A_068-Bits Micro-controller With 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM59264_068-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8951A8 - Bit Micro-controller with 4/8KB flash embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl