Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM79108C40 Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

Part # SM79108C40
Description  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79108C40 Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM79108C40 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
10/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
If user use Fosc=20MHz, SPFS[1:0] of SPWMC=#03H, then
SPWM clock = 20MHz/2^4 = 20MHz/16 = 1.25MHz
SPWM output cycle frame frequency = (20MHz/2^4)/32=39.1KHz
5. PWM Function Description:
Each PWM channel contains a 8-bit wide PWM data register (PWMDR) to decide number of continuous pulses within a
PWM frame cycle. The value programmed in the register will determine the pulse length of the output. The PWM channel
can be configured as 5-bit or 8-bit resolution. If a channel is configured as 5-bit resolution, only LSB 5 bits are available.
The value of each PWM Data Register (PWMDR) is continuously compared with the content of an internal counter to deter-
mine the state of each PWM channel output pin.
5.1 PWM Registers - PWMC0, PWMD0
PWM Registers - PWM Control Register (PWMC0, 0D3H)
PFS[1:0]: These two bits is 2’s power parameter to form a frequency divider for input clock.
PBS: This bit decides channel bit resolution. If PBS is set, the channel is 5-bit resolution.
Example : If user use Fosc = 20MHz, PFS[1:0] of PWMC = #03H, PBS = 0, then
PWM Clock = 20MHz / 128 = 156.25KHz
PWM Output cycle frame frequency = 156.25KHz / 256 = 610 Hz
Note : For bzzer application
bit-7
bit-0
Unused
Unused
Unused
Unused
Unused
PBS
PFS1
PFS0
Read / Write:
-
-
-
-
-
R/W
R/W
R/W
Reset value:
*
*
*
*
*
0
0
0
PFS1
PFS0
Divider
PWM clock, Fosc=12MHz
PWM clock, Fosc=24MHz
0
0
16
750KHz
1.5MHz
0
1
32
375KHz
750KHz
1
0
64
187.5KHz
375KHz
1
1
128
93.75KHz
187.5KHz
16T
16T
16T
16T
16T
16T
16T
16T
32T
32T
32T
32T
32T
32T
32T
32T
1st cycle frame
2nd cycle frame 3rd cycle frame
4th cycle frame 5th cycle frame
6th cycle frame 7th cycle frame
8th cycle frame
1T
1T
1T
SPWM clock = 1 / T = Fosc / 2^(SPFS[1:0]+1)
(narrow pulse inserted by BRM0[2:0] setting, here BRM0[2:0]=3)
The SPWM output cycle frame frequency = SPWM clock / 32 = [Fosc/2^(SPFS[1:0]+1)]/32


Similar Part No. - SM79108C40

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM79108C40 SYNCMOS-SM79108C40 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

Similar Description - SM79108C40

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com