Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT08D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHCT08D
Description  Quad 2-input AND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT08D Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHCT08D Datasheet HTML 1Page - NXP Semiconductors 74AHCT08D Datasheet HTML 2Page - NXP Semiconductors 74AHCT08D Datasheet HTML 3Page - NXP Semiconductors 74AHCT08D Datasheet HTML 4Page - NXP Semiconductors 74AHCT08D Datasheet HTML 5Page - NXP Semiconductors 74AHCT08D Datasheet HTML 6Page - NXP Semiconductors 74AHCT08D Datasheet HTML 7Page - NXP Semiconductors 74AHCT08D Datasheet HTML 8Page - NXP Semiconductors 74AHCT08D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74AHC08; 74AHCT08 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard JESD7-A.
The 74AHC08; 74AHCT08 provides the quad 2-input AND function.
2.
Features
s Balanced propagation delays
s All inputs have a Schmitt-trigger action
s Inputs accepts voltages higher than VCC
s For 74AHC08 only: operates with CMOS input levels
s For 74AHCT08 only: operates with TTL input levels
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74AHC08; 74AHCT08
Quad 2-input AND gate
Rev. 03 — 14 November 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC08D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74AHCT08D
74AHC08PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74AHCT08PW
74AHC08BQ
−40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1
74AHCT08BQ


Similar Part No. - 74AHCT08D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT08D PHILIPS-74AHCT08D Datasheet
73Kb / 16P
   Quad 2-input AND gate
1999 Sep 24
74AHCT08D NXP-74AHCT08D Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
74AHCT08D NXP-74AHCT08D Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHCT08D NEXPERIA-74AHCT08D Datasheet
229Kb / 12P
   Quad 2-input AND gate
Rev. 4 - 26 May 2020
74AHCT08D-Q100 NEXPERIA-74AHCT08D-Q100 Datasheet
716Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT08D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com