Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC08PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC08PW
Description  Quad 2-input AND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC08PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC08PW Datasheet HTML 1Page - NXP Semiconductors 74AHC08PW Datasheet HTML 2Page - NXP Semiconductors 74AHC08PW Datasheet HTML 3Page - NXP Semiconductors 74AHC08PW Datasheet HTML 4Page - NXP Semiconductors 74AHC08PW Datasheet HTML 5Page - NXP Semiconductors 74AHC08PW Datasheet HTML 6Page - NXP Semiconductors 74AHC08PW Datasheet HTML 7Page - NXP Semiconductors 74AHC08PW Datasheet HTML 8Page - NXP Semiconductors 74AHC08PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74AHC_AHCT08_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 14 November 2007
3 of 14
NXP Semiconductors
74AHC08; 74AHCT08
Quad 2-input AND gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
1Y
3
data output
2A
4
data input
2B
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
4Y
11
data output
4A
12
data input
4B
13
data input
VCC
14
supply voltage
Table 3.
Function selection[1]
Input
Output
nA
nB
nY
LX
L
XL
L
HHH
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C


Similar Part No. - 74AHC08PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC08PW PHILIPS-74AHC08PW Datasheet
73Kb / 16P
   Quad 2-input AND gate
1999 Sep 24
74AHC08PW NXP-74AHC08PW Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
74AHC08PW NXP-74AHC08PW Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHC08PW NEXPERIA-74AHC08PW Datasheet
229Kb / 12P
   Quad 2-input AND gate
Rev. 4 - 26 May 2020
74AHC08PW-Q100 NEXPERIA-74AHC08PW-Q100 Datasheet
716Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHC08PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com