Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC86PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC86PW
Description  Quad 2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC86PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC86PW Datasheet HTML 1Page - NXP Semiconductors 74AHC86PW Datasheet HTML 2Page - NXP Semiconductors 74AHC86PW Datasheet HTML 3Page - NXP Semiconductors 74AHC86PW Datasheet HTML 4Page - NXP Semiconductors 74AHC86PW Datasheet HTML 5Page - NXP Semiconductors 74AHC86PW Datasheet HTML 6Page - NXP Semiconductors 74AHC86PW Datasheet HTML 7Page - NXP Semiconductors 74AHC86PW Datasheet HTML 8Page - NXP Semiconductors 74AHC86PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHC_AHCT86_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 15 November 2007
2 of 14
NXP Semiconductors
74AHC86; 74AHCT86
Quad 2-input EXCLUSIVE-OR gate
4.
Functional diagram
Fig 1.
Logic symbol
mna787
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig 2.
Logic diagram (one gate)
Fig 3.
IEC logic symbol
mna788
Y
A
B
mna786
3
=1
=1
=1
=1
2
1
6
5
4
8
10
9
11
13
12


Similar Part No. - 74AHC86PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC86PW PHILIPS-74AHC86PW Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
logo
Nexperia B.V. All right...
74AHC86PW NEXPERIA-74AHC86PW Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86PW-Q100 NEXPERIA-74AHC86PW-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC86PWDH PHILIPS-74AHC86PWDH Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
More results

Similar Description - 74AHC86PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com