Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC541BQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC541BQ
Description  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC541BQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC541BQ Datasheet HTML 1Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 2Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 3Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 4Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 5Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC541BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AHC_AHCT541_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2007
3 of 16
NXP Semiconductors
74AHC541; 74AHCT541
Octal buffer/line driver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 3.
Pin configuration SO20, TSSOP20
Fig 4.
Pin configuration DHVQFN20
74AHC541
74AHCT541
OE0
VCC
A0
OE1
A1
Y0
A2
Y1
A3
Y2
A4
Y3
A5
Y4
A6
Y5
A7
Y6
GND
Y7
001aah038
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aah039
74AHC541
74AHCT541
Transparent top view
Y6
A6
A7
Y5
A5
Y4
GND(1)
A4
Y3
A3
Y2
A2
Y1
A1
Y0
A0
OE1
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
OE0
1
output enable input (active LOW)
A[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
Y[0:7]
18, 17, 16, 15, 14, 13, 12, 11 data output
OE1
19
output enable input (active LOW)
VCC
20
supply voltage


Similar Part No. - 74AHC541BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC541BQ NEXPERIA-74AHC541BQ Datasheet
247Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 4 - 14 April 2020
74AHC541BQ-Q100 NEXPERIA-74AHC541BQ-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results

Similar Description - 74AHC541BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com