Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG540 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFG540
Description  NPN 9 GHz wideband transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG540 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFG540 Datasheet HTML 2Page - NXP Semiconductors BFG540 Datasheet HTML 3Page - NXP Semiconductors BFG540 Datasheet HTML 4Page - NXP Semiconductors BFG540 Datasheet HTML 5Page - NXP Semiconductors BFG540 Datasheet HTML 6Page - NXP Semiconductors BFG540 Datasheet HTML 7Page - NXP Semiconductors BFG540 Datasheet HTML 8Page - NXP Semiconductors BFG540 Datasheet HTML 9Page - NXP Semiconductors BFG540 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG540; BFG540/X;
BFG540/XR
Fig.7 Gain as a function of collector current.
VCE = 8 V; f = 900 MHz.
MSG = maximum stable gain; Gmax = maximum available gain;
GUM = maximum unilateral power gain.
handbook, halfpage
020
IC (mA)
40
60
25
0
20
15
gain
(dB)
10
5
MRA752
GUM
Gmax
MSG
Fig.8 Gain as a function of collector current.
VCE = 8 V; f = 2 GHz.
Gmax = maximum available gain;
GUM = maximum unilateral power gain.
handbook, halfpage
020
IC (mA)
40
60
25
0
20
15
gain
(dB)
10
5
MRA753
GUM
Gmax
Fig.9 Gain as a function of frequency.
IC = 10 mA; VCE =8V.
GUM = maximum unilateral power gain;
MSG = maximum stable gain; Gmax = maximum available gain.
handbook, halfpage
50
gain
(dB)
0
10
MRA754
10
2
103
10
4
10
20
30
f (MHz)
40
MSG
GUM
Gmax
Fig.10 Gain as a function of frequency.
handbook, halfpage
50
gain
(dB)
0
10
MRA755
10
2
103
10
4
10
20
30
f (MHz)
40
MSG
GUM
Gmax
IC = 40 mA; VCE =8V.
GUM = maximum unilateral power gain;
MSG = maximum stable gain; Gmax = maximum available gain.
Rev. 05 - 21 November 2007
6 of 14


Similar Part No. - BFG540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG540 PHILIPS-BFG540 Datasheet
132Kb / 16P
   NPN 9 GHz wideband transistor
2000 May 23
BFG540 NXP-BFG540 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Inchange Semiconductor ...
BFG540 ISC-BFG540 Datasheet
360Kb / 3P
   isc Silicon NPN RF Transistor
BFG540 ISC-BFG540 Datasheet
343Kb / 3P
   isc Silicon NPN RF Transistor
logo
Guangdong Kexin Industr...
BFG540 KEXIN-BFG540 Datasheet
786Kb / 8P
   NPN 9GHz Wideband Transistor
More results

Similar Description - BFG540

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFG540W JMNIC-BFG540W_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
   NPN 9 GHz wideband transistor
1999 Aug 23
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFG540_2015 JMNIC-BFG540_2015 Datasheet
138Kb / 16P
   NPN 9 GHz wideband transistor
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com