Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG540 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFG540
Description  NPN 9 GHz wideband transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG540 Datasheet(HTML) 1 Page - NXP Semiconductors

  BFG540 Datasheet HTML 1Page - NXP Semiconductors BFG540 Datasheet HTML 2Page - NXP Semiconductors BFG540 Datasheet HTML 3Page - NXP Semiconductors BFG540 Datasheet HTML 4Page - NXP Semiconductors BFG540 Datasheet HTML 5Page - NXP Semiconductors BFG540 Datasheet HTML 6Page - NXP Semiconductors BFG540 Datasheet HTML 7Page - NXP Semiconductors BFG540 Datasheet HTML 8Page - NXP Semiconductors BFG540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IMPORTANT NOTICE
Dear customer,
As from October 1st, 2006 Philips Semiconductors has a new trade name
- NXP Semiconductors, which will be used in future data sheets together with new contact
details.
In data sheets where the previous Philips references remain, please use the new links as
shown below.
http://www.philips.semiconductors.com use http://www.nxp.com
http://www.semiconductors.philips.com use http://www.nxp.com (Internet)
sales.addresses@www.semiconductors.philips.com use salesaddresses@nxp.com
(email)
The copyright notice at the bottom of each page (or elsewhere in the document,
depending on the version)
- © Koninklijke Philips Electronics N.V. (year). All rights reserved -
is replaced with:
- © NXP B.V. (year). All rights reserved. -
If you have any questions related to the data sheet, please contact our nearest sales
office via e-mail or phone (details via salesaddresses@nxp.com). Thank you for your
cooperation and understanding,
NXP Semiconductors
BFG540; BFG540/X; BFG540/XR
NPN 9 GHz wideband transistor
Rev. 05 — 21 November 2007
Product data sheet


Similar Part No. - BFG540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG540 PHILIPS-BFG540 Datasheet
132Kb / 16P
   NPN 9 GHz wideband transistor
2000 May 23
BFG540 NXP-BFG540 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Inchange Semiconductor ...
BFG540 ISC-BFG540 Datasheet
360Kb / 3P
   isc Silicon NPN RF Transistor
BFG540 ISC-BFG540 Datasheet
343Kb / 3P
   isc Silicon NPN RF Transistor
logo
Guangdong Kexin Industr...
BFG540 KEXIN-BFG540 Datasheet
786Kb / 8P
   NPN 9GHz Wideband Transistor
More results

Similar Description - BFG540

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFG540W JMNIC-BFG540W_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
   NPN 9 GHz wideband transistor
1999 Aug 23
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFG540_2015 JMNIC-BFG540_2015 Datasheet
138Kb / 16P
   NPN 9 GHz wideband transistor
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com