Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1722 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1722
Description  Digital Thermometer with SPI/3-Wire Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1722 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1722 Datasheet HTML 1Page - Maxim Integrated Products DS1722 Datasheet HTML 2Page - Maxim Integrated Products DS1722 Datasheet HTML 3Page - Maxim Integrated Products DS1722 Datasheet HTML 4Page - Maxim Integrated Products DS1722 Datasheet HTML 5Page - Maxim Integrated Products DS1722 Datasheet HTML 6Page - Maxim Integrated Products DS1722 Datasheet HTML 7Page - Maxim Integrated Products DS1722 Datasheet HTML 8Page - Maxim Integrated Products DS1722 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1722
2 of 14
ORDERING INFORMATION Table 1
PART
MARKING
DESCRIPTION
DS1722S
DS1722
DS1722 in 150mil 8-Pin SO
DS1722S/T&R
DS1722
DS1722 in 150mil 8-Pin SO, 2500 Piece Tape-and-
Reel
DS1722S+
DS1722 (See
note)
DS1722 in Lead-Free 150mil 8-Pin SO
DS1722S+T&R
DS1722 (See
note)
DS1722 in Lead-Free 150mil 8-Pin SO, 2500 Piece
Tape-and-Reel
DS1722U
1722
DS1722 in 8-Pin µMAX
DS1722U/T&R
1722
DS1722 in 8-Pin µMAX, 3000 Piece Tape-and-
Reel
DS1722U+
1722 (See note)
DS1722 in Lead-Free 8-Pin µMAX
DS1722U+T&R 1722 (See note)
DS1722 in Lead-Free 8-Pin µMAX, 3000 Piece
Tape-and-Reel
Note: A “+” will also be marked on the package next to the pin 1 indicator.
DETAILED PIN DESCRIPTION
Table 2
SOIC
SYMBOL
DESCRIPTION
PIN 1
VDDD
Digital Supply Voltage 1.8V-5.5V. Defines the top rails for the digital
inputs and outputs.
PIN 2
CE
Chip Enable Must be asserted high for communication to take place for
either the SPI or 3-wire interface.
PIN 3
SCLK
Serial Clock Input Used to synchronize data movement on the serial
interface for either the SPI or 3-wire interface.
PIN 4
GND
Ground pin.
PIN 5
SDO
Serial Data Output When SPI communication is selected, the SDO pin is
the serial data output for the SPI bus. When 3-wire communication is
selected, this pin must be tied to the SDI pin (the SDI and SDO pins function
as a single I/O pin when tied together.)
PIN 6
SDI
Serial Data Input When SPI communication is selected, the SDI pin is the
serial data input for the SPI bus. When 3-wire communication is selected,
this pin must be tied to the SDO pin (the SDI and SDO pins function as a
single I/O pin when tied together.)
PIN 7
SERMODE
Serial Interface Mode Input This pin selects which interface standard will
be used: SPI when connected to VCC ; standard 3-wire when connected to
GND.
PIN 8
VDDA
Analog Supply Voltage 2.65V – 5.5V input power pin.


Similar Part No. - DS1722

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
   Digital Thermometer with SPI/3-Wire Interface
More results

Similar Description - DS1722

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
   Digital Thermometer with SPI/3-Wire Interface
logo
Maxim Integrated Produc...
MAX31722 MAXIM-MAX31722 Datasheet
943Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
logo
VTI technologies
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com