Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1722U Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1722U
Description  Digital Thermometer with SPI/3-Wire Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1722U Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1722U Datasheet HTML 6Page - Maxim Integrated Products DS1722U Datasheet HTML 7Page - Maxim Integrated Products DS1722U Datasheet HTML 8Page - Maxim Integrated Products DS1722U Datasheet HTML 9Page - Maxim Integrated Products DS1722U Datasheet HTML 10Page - Maxim Integrated Products DS1722U Datasheet HTML 11Page - Maxim Integrated Products DS1722U Datasheet HTML 12Page - Maxim Integrated Products DS1722U Datasheet HTML 13Page - Maxim Integrated Products DS1722U Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1722
11 of 14
ELECTRICAL CHARACTERISTICS: DIGITAL THERMOMETER
(-55
°C to +120°C, 2.65V ≤ V
DDA ≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
-40
°C to +85°C
±2.0
Thermometer Error
TERR
-55
°C to +120°C
±3.0
°C
Resolution
8
12
bits
8-bit conversions
67.5
75
9-bit conversions
125
150
10-bit conversions
250
300
11-bit conversions
500
600
Conversion Time
tCONVT
12-bit conversions
1000
1200
ms
AC ELECTRICAL CHARACTERISTICS: 3-WIRE INTERFACE
(-55
°C to +120°C, 2.65V ≤ V
DD ≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Data to SCLK Setup
tDC
35
ns
5, 6
SCLK to Data Hold
tCDH
35
ns
5, 6
SCLK to Data Valid
tCDD
80
ns
5, 6, 7
SCLK Low Time
tCL
100
ns
6
SCLK High Time
tCH
100
ns
6
SCLK Frequency
tCLK
DC
5.0
MHz
6
SCLK Rise and Fall
tR, tF
200
ns
CE to SCLK Setup
tCC
400
ns
6
SCLK to CE Hold
tCCH
100
ns
6
CE Inactive Time
tCWH
400
ns
6
CE to Output High Z
tCDZ
40
ns
5, 6
SCLK to Output High Z
tCCZ
40
ns
5, 6
TIMING DIAGRAM: 3-WIRE READ DATA TRANSFER
Figure 9


Similar Part No. - DS1722U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
   Digital Thermometer with SPI/3-Wire Interface
More results

Similar Description - DS1722U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
   Digital Thermometer with SPI/3-Wire Interface
logo
Maxim Integrated Produc...
MAX31722 MAXIM-MAX31722 Datasheet
943Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
logo
VTI technologies
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com