Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1743P Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1743P
Description  Y2K-Compliant, Nonvolatile Timekeeping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1743P Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1743P Datasheet HTML 5Page - Maxim Integrated Products DS1743P Datasheet HTML 6Page - Maxim Integrated Products DS1743P Datasheet HTML 7Page - Maxim Integrated Products DS1743P Datasheet HTML 8Page - Maxim Integrated Products DS1743P Datasheet HTML 9Page - Maxim Integrated Products DS1743P Datasheet HTML 10Page - Maxim Integrated Products DS1743P Datasheet HTML 11Page - Maxim Integrated Products DS1743P Datasheet HTML 12Page - Maxim Integrated Products DS1743P Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1743/DS1743P Y2K-Compliant, Nonvolatile Timekeeping RAMs
9 of 16
DC ELECTRICAL CHARACTERISTICS (3.3V)
(VCC = 3.3V ±10%, TA = Over the Operating Range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
10
30
mA
2, 3
TTL Standby Current (
CE = V
IH)
ICC1
0.7
2
mA
2, 3
CMOS Standby Current
(
CE
≥ V
CC - 0.2V;
CE2 = GND + 0.2V)
ICC2
0.7
2
mA
2, 3
Input Leakage Current
(Any Input)
IIL
-1
+1
μA
Output Leakage Current
(Any Output)
IOL
-1
+1
μA
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT =2.1mA)
VOL1
0.4
1
Write-Protection Voltage
VPF
2.75
2.97
V
1
Battery Switchover Voltage
VSO
VBAT
or
VPF
V
1, 4
AC CHARACTERISTICS—READ CYCLE (5V)
(VCC = 5.0V ±10%, TA = Over the Operating Range
.)
ACCESS
70ns
85ns
100ns
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
70
85
100
ns
Address Access Time
tAA
70
85
100
ns
CE to CE2 to DQ Low-Z
tCEL
5
5
5
ns
5
CE Access Time
tCEA
70
85
100
ns
5
CE2 Access Time
tCE2A
80
95
105
ns
5
CE and CE2 Data-Off
Time
tCEZ
25
30
35
ns
OE to DQ Low-Z
tOEL
5
5
5
ns
OE Access Time
tOEA
35
45
55
ns
OE Data-Off Time
tOEZ
25
30
35
ns
Output Hold from
Address
tOH
5
5
5
ns


Similar Part No. - DS1743P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1743P DALLAS-DS1743P Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1743P MAXIM-DS1743P Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1743P-100 DALLAS-DS1743P-100 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743P-100 ARTSCHIP-DS1743P-100 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1743P-100++ MAXIM-DS1743P-100+ Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
More results

Similar Description - DS1743P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com