Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822Z+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1822Z+
Description  Econo 1-Wire Digital Thermometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822Z+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1822Z+ Datasheet HTML 3Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 4Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 5Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 6Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 7Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 8Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 9Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 10Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS1822
7 of 21
MEMORY
The DS1822’s memory is organized as shown in Figure 7. The memory consists of an SRAM scratchpad
with NV EEPROM storage for the high and low alarm trigger registers (TH and TL) and configuration
register. Note that if the DS1822 alarm function is not used, the TH and TL registers can serve as general-
purpose memory. All memory commands are described in detail in the DS1822 FUNCTION
COMMANDS section.
Byte 0 and byte 1 of the scratchpad contain the LSB and the MSB of the temperature register,
respectively. These bytes are read-only. Bytes 2 and 3 provide access to TH and TL registers. Byte 4
contains the configuration register data, which is explained in detail in the CONFIGURATION
REGISTER section of this data sheet. Bytes 5, 6, and 7 are reserved for internal use by the device and
cannot be overwritten.
Byte 8 of the scratchpad is read-only and contains the cyclic redundancy check (CRC) code for bytes 0
through 7 of the scratchpad. The DS1822 generates this CRC using the method described in the CRC
GENERATION section.
Data is written to bytes 2, 3, and 4 of the scratchpad using the Write Scratchpad [4Eh] command; the data
must be transmitted to the DS1822 starting with the least significant bit of byte 2. To verify data integrity,
the scratchpad can be read (using the Read Scratchpad [BEh] command) after the data is written. When
reading the scratchpad, data is transferred over the 1-Wire bus starting with the least significant bit of
byte 0. To transfer the TH, TL and configuration data from the scratchpad to EEPROM, the master must
issue the Copy Scratchpad [48h] command.
Data in the EEPROM registers is retained when the device is powered down; at power-up the EEPROM
data is reloaded into the corresponding scratchpad locations. Data can also be reloaded from EEPROM to
the scratchpad at any time using the Recall E
2
[B8h] command. The master can issue read time slots
following the Recall E
2 command and the DS1822 will indicate the status of the recall by transmitting 0
while the recall is in progress and 1 when the recall is done.
DS1822 MEMORY MAP Figure 7
SCRATCHPAD (Power-up State)
byte 0
Temperature LSB (50h)
byte 1
Temperature MSB (05h)
EEPROM
byte 2
TH Register or User Byte 1*
TH Register or User Byte 1
byte 3
TL Register or User Byte 2*
TL Register or User Byte 2
byte 4
Configuration Register*
Configuration Register
byte 5
Reserved (FFh)
byte 6
Reserved
byte 7
Reserved (10h)
byte 8 CRC*
*Power-up state depends on value(s) stored
in EEPROM
(85°C)


Similar Part No. - DS1822Z+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1822Z++ MAXIM-DS1822Z+ Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822Z+T&R MAXIM-DS1822Z+T&R Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
More results

Similar Description - DS1822Z+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
   Econo . Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com