Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1922L Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1922L
Description  Temperature Logger iButton With 8kB Datalog Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1922L Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1922L Datasheet HTML 1Page - Maxim Integrated Products DS1922L Datasheet HTML 2Page - Maxim Integrated Products DS1922L Datasheet HTML 3Page - Maxim Integrated Products DS1922L Datasheet HTML 4Page - Maxim Integrated Products DS1922L Datasheet HTML 5Page - Maxim Integrated Products DS1922L Datasheet HTML 6Page - Maxim Integrated Products DS1922L Datasheet HTML 7Page - Maxim Integrated Products DS1922L Datasheet HTML 8Page - Maxim Integrated Products DS1922L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
DS1922L/DS1922T
3 of 50
I/O Pin, 1-Wire Read
Standard speed
5
15 -
δ
Read Low Time
(Notes 1, 14)
tRL
Overdrive speed
1
1.95 -
δ
µs
Standard speed
tRL + δ
15
Read Sample Time
(Notes 1, 14)
tMSR
Overdrive speed
tRL + δ
1.95
µs
Real Time Clock
Accuracy
See RTC Accuracy Graphs
min/
month
-40°C to +85°C
-300
+60
Frequency Deviation
Δ
F
0°C to +125°C
-600
+60
PPM
Temperature Converter
tCONV
8-bit mode
30
75
Conversion Time
(Note 15)
16-bit mode (11 bits)
240
600
ms
Thermal Response Time
Constant (Note 16)
τ
RESP
iButton package
130
s
Conv. Error Without
Software Correction
(Notes 17, 19)
Δϑ
See Temperature Accuracy
Graphs
°C
Conv. Error With Software
Correction (Notes 18, 19)
Δϑ
See Temperature Accuracy
Graphs
°C
Note 1:
System Requirement
Note 2:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery times. The
specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For more heavily
loaded systems, an active pullup such as that found in the DS2480B may be required.
Note 3:
Capacitance on the data pin could be 800pF when VPUP is first applied. If a 2.2kΩ resistor is used to pull up the data line, 2.5µs
after VPUP has been applied the parasite capacitance will not affect normal communications.
Note 4:
VTL, VTH are a function of the internal supply voltage.
Note 5:
Voltage below which, during a falling edge on I/O, a logic '0' is detected.
Note 6:
The voltage on I/O needs to be less or equal to VILMAX whenever the master drives the line low.
Note 7:
Voltage above which, during a rising edge on I/O, a logic '1' is detected.
Note 8:
After VTH is crossed during a rising edge on I/O, the voltage on I/O has to drop by VHY to be detected as logic '0'.
Note 9:
The I-V characteristic is linear for voltages less than 1V.
Note 10:
The earliest recognition of a negative edge is possible at tREH after VTH has been previously reached.
Note 11:
Highlighted numbers are NOT in compliance with the published iButton standards. See comparison table below.
Note 12:
Interval during the negative edge on I/O at the beginning of a Presence Detect pulse between the time at which the voltage is
90% of VPUP and the time at which the voltage is 10% of VPUP.
Note 13:
ε represents the time required for the pullup circuitry to pull the voltage on I/O up from V
IL to VTH.
Note 14:
δ represents the time required for the pullup circuitry to pull the voltage on I/O up from V
IL to the input high threshold of the bus
master.
Note 15:
To conserve battery power, use 8-bit temperature logging whenever possible.
Note 16:
This number was derived from a test conducted by Cemagref in Antony, France, in July of 2000.
http://www.cemagref.fr/English/index.htm Test Report No. E42.
Note 17:
Includes +0.1/-0.2
oC calibration chamber measurement uncertainty.
Note 18:
Assumes using calibration memory with calibration equations for error compensation. Includes +0.1/-0.2
oC calibration chamber
measurement uncertainty. Guaranteed by design.
Note 19:
WARNING: Not for use as the sole method of measuring or tracking temperature and/or humidity in products and articles that
could affect the health or safety of persons, plants, animals, or other living organisms, including but not limited to foods,
beverages, pharmaceuticals, medications, blood and blood products, organs, flammable, and combustible products. User shall
assure that redundant (or other primary) methods of testing and determining the handling methods, quality, and fitness of the
articles and products should be implemented. Temperature and/or humidity tracking with this product, where the health or safety
of the aforementioned persons or things could be adversely affected, is only recommended when supplemental or redundant
information sources are used. Data logger products are 100% tested and calibrated at time of manufacture by Dallas
Semiconductor/Maxim to ensure that they meet all data sheet parameters, including temperature accuracy. User shall be
responsible for proper use and storage of this product. As with any sensor-based product, user shall also be responsible for
occasionally rechecking the temperature accuracy of the product to ensure it is still operating properly.
Note 20:
Guaranteed by design, not production tested to -40°C or 125°C.
STANDARD VALUES
DS1922L/T VALUES
STANDARD SPEED
OVERDRIVE SPEED
STANDARD SPEED
OVERDRIVE SPEED
PARAMETER
NAME
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tSLOT (incl. tREC)
61µs
(undef.)
7µs
(undef.)
65µs
1)
(undef.)
9.5µs
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
690µs
720µs
70µs
80µs
tPDH
15µs
60µs
2µs
6µs
15µs
63.5µs
2µs
7µs
tPDL
60µs
240µs
8µs
24µs
60µs
287µs
7µs
28µs
tW0L
60µs
120µs
6µs
16µs
60µs
120µs
7.5µs
12µs
1) Intentional change, longer recovery time requirement due to modified 1-Wire front end.


Similar Part No. - DS1922L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
logo
Dallas Semiconductor
DS1922L-F5 DALLAS-DS1922L-F5 Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L-F5 MAXIM-DS1922L-F5 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922L-F5# MAXIM-DS1922L-F5# Datasheet
540Kb / 52P
   iButton Temperature Loggers with 8KB Datalog Memory
2015
More results

Similar Description - DS1922L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
   iButton Temperature Loggers with 8KB Datalog Memory
2015
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com