Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1921Z Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1921Z
Description  High-Resolution Thermochron iButton
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921Z Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1921Z Datasheet HTML 1Page - Dallas Semiconductor DS1921Z Datasheet HTML 2Page - Dallas Semiconductor DS1921Z Datasheet HTML 3Page - Dallas Semiconductor DS1921Z Datasheet HTML 4Page - Dallas Semiconductor DS1921Z Datasheet HTML 5Page - Dallas Semiconductor DS1921Z Datasheet HTML 6Page - Dallas Semiconductor DS1921Z Datasheet HTML 7Page - Dallas Semiconductor DS1921Z Datasheet HTML 8Page - Dallas Semiconductor DS1921Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
DS1921H/Z
The shift register bits are initialized to 0. Then starting with the least significant bit of the family code,
one bit at a time is shifted in. After the eighth bit of the family code has been entered, then the serial
number followed by the temperature range code is entered. After the range code has been entered, the
shift register contains the CRC value. Shifting in the eight bits of CRC returns the shift register to all 0s.
HIERARCHICAL STRUCTURE FOR 1-Wire PROTOCOL
Figure 2
1-Wire net
Other
Devices
Bus
Master
Command
Level:
1-Wire ROM Function
Commands
DS1921-Specific
Memory/Control
Function Commands
DS1921
Available
Commands:
Read ROM
Match ROM
Search ROM
Skip ROM
Overdrive Skip
Overdrive Match
Conditional Search
ROM
Write Scratchpad
Read Scratchpad
Copy Scratchpad
Read Memory
Read Memory w/CRC
Clear Memory
Convert Temperature
Data Field
Affected:
64-bit Reg. #
64-bit Reg. #
64-bit Reg. #
N/A
OD-Flag
64-bit Reg. #, OD-Flag
64-bit Reg. #, Cond. Search settings,
device status
256-bit scratchpad, flags
256-bit scratchpad
4096-bit SRAM, registers, flags
All memory
All memory
Mission Time Stamp, Mission Samples
Counter, Start Delay, Sample
Rate, Alarm Time Stamps and
Durations, Histogram Memory
Memory address 211h
Cmd.
Codes:
33h
55h
F0h
CCh
3Ch
69h
ECh
0Fh
AAh
55h
F0h
A5h
3Ch
44h
64-BIT LASERED ROM
Figure 3
MSB
LSB
8-Bit
CRC Code
12-Bit Temperature
Range Code
36-Bit Serial Number
8-Bit Family
Code (21h)
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DEVICE
TEMP.
RANGE (°C)
RESOLUTION
(
°C)
TEMP. RANGE CODE
HEX.
EQUIVALENT
DS1921H-F5
+15 to +46
0.125
0100
1111
0010
4F2
DS1921Z-F5
-5 to +26
0.125
0011
1011
0010
3B2
4 of 45


Similar Part No. - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921Z MAXIM-DS1921Z Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
DS1921Z MAXIM-DS1921Z Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
logo
Dallas Semiconductor
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921Z-F5 MAXIM-DS1921Z-F5 Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
More results

Similar Description - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
DS1921H MAXIM-DS1921H_V01 Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com