Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032N11FAI022 Datasheet(PDF) 4 Page - SPANSION

Part # S29GL032N11FAI022
Description  64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032N11FAI022 Datasheet(HTML) 4 Page - SPANSION

  S29GL032N11FAI022 Datasheet HTML 1Page - SPANSION S29GL032N11FAI022 Datasheet HTML 2Page - SPANSION S29GL032N11FAI022 Datasheet HTML 3Page - SPANSION S29GL032N11FAI022 Datasheet HTML 4Page - SPANSION S29GL032N11FAI022 Datasheet HTML 5Page - SPANSION S29GL032N11FAI022 Datasheet HTML 6Page - SPANSION S29GL032N11FAI022 Datasheet HTML 7Page - SPANSION S29GL032N11FAI022 Datasheet HTML 8Page - SPANSION S29GL032N11FAI022 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
4
S29GL-N MirrorBit
® Flash Family
S29GL-N_01_09 November 16, 2007
Da ta
Sh e e t
General Description
The S29GL-N family of devices are 3.0-Volt single-power Flash memory manufactured using 110 nm
MirrorBit technology. The S29GL064N is a 64-Mb device organized as 4,194,304 words or 8,388,608 bytes.
The S29GL032N is a 32-Mb device organized as 2,097,152 words or 4,194,304 bytes. Depending on the
model number, the devices have 16-bit wide data bus only, or a 16-bit wide data bus that can also function as
an 8-bit wide data bus by using the BYTE# input. The devices can be programmed either in the host system
or in standard EPROM programmers.
Access times as fast as 90 ns are available. Note that each access time has a specific operating voltage
range (VCC) as specified in the Product Selector Guide and the Ordering Information–S29GL032N, and
Ordering Information–S29GL064N. Package offerings include 48-pin TSOP, 56-pin TSOP, 48-ball fine-pitch
BGA and 64-ball Fortified BGA, depending on model number. Each device has separate chip enable (CE#),
write enable (WE#) and output enable (OE#) controls.
Each device requires only a single 3.0-Volt power supply for both read and write functions. In addition to a
VCC input, a high-voltage accelerated program (ACC) feature provides shorter programming times through
increased current on the WP#/ACC input. This feature is intended to facilitate factory throughput during
system production, but may also be used in the field if desired.
The device is entirely command set compatible with the JEDEC single-power-supply Flash standard.
Commands are written to the device using standard microprocessor write timing. Write cycles also internally
latch addresses and data needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully erased when shipped from the factory.
The Advanced Sector Protection features several levels of sector protection, which can disable both the
program and erase operations in certain sectors. Persistent Sector Protection is a method that replaces the
previous 12-volt controlled protection method. Password Sector Protection is a highly sophisticated protection
method that requires a password before changes to certain sectors are permitted.
Device programming and erasure are initiated through command sequences. Once a program or erase
operation begins, the host system need only poll the DQ7 (Data# Polling) or DQ6 (toggle) status bits or
monitor the Ready/Busy# (RY/BY#) output to determine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces command sequence overhead by requiring only two write
cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automatically inhibits write operations
during power transitions. The hardware sector protection feature disables both program and erase operations
in any combination of sectors of memory. This can be achieved in-system or via programming equipment.
The Erase Suspend/Erase Resume feature allows the host system to pause an erase operation in a given
sector to read or program any other sector and then complete the erase operation. The Program Suspend/
Program Resume feature enables the host system to pause a program operation in a given sector to read
any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the device, after which it is then
ready for a new operation. The RESET# pin may be tied to the system reset circuitry. A system reset would
thus also reset the device, enabling the host system to read boot-up firmware from the Flash memory device.
The device reduces power consumption in the standby mode when it detects specific voltage levels on CE#
and RESET#, or when addresses are stable for a specified period of time.
The Write Protect (WP#) feature protects the first or last sector by asserting a logic low on the WP#/ACC pin
or WP# pin, depending on model number. The protected sector is still protected even during accelerated
programming.
The Secured Silicon Sector provides a 128-word/256-byte area for code or data that can be permanently
protected. Once this sector is protected, no further changes within the sector can occur.
Spansion MirrorBit flash technology combines years of Flash memory manufacturing experience to produce
the highest levels of quality, reliability and cost effectiveness. The device electrically erases all bits within a
sector simultaneously via hot-hole assisted erase. The data is programmed using hot electron injection.


Similar Part No. - S29GL032N11FAI022

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A SPANSION-S29GL032A Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL032A SPANSION-S29GL032A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI010 SPANSION-S29GL032A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI012 SPANSION-S29GL032A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI013 SPANSION-S29GL032A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL032N11FAI022

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com