Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM6425SP6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM6425SP6
Description  Industrial 11-Pin, 150 to 500 V, N-Channel Power MOSFET, Full ?쏦??Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6425SP6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM6425SP6 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6425SP6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.1 - 123
2.1
Industrial 11-Pin, 150 to 500 V, N-Channel
Power MOSFET, Full “H” Bridge
4 11 R1
Supersedes 2 07 R0
POWER MOSFETS IN 11-PIN INDUSTRIAL
SIP PACKAGE
FEATURES
• Low R
DS(on)
• Fast Switching
• Single SIP Package
• 3 Voltage, Current Ratings
DESCRIPTION
This series of “H” Bridge configured circuits provides the user with a low cost solution
to power control. Ideally suited for stepper motors, limited span designs, lighting
systems, and D.C. motor applications.
OM6425SP6
OM6426SP6
OM6423SP6
OM6424SP6
Preliminary Data Sheet
SCHEMATIC
FOR FURTHER INFORMATION, CONTACT FACTORY DIRECT OR YOUR LOCAL SALES REPRESENTATIVE.
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
1
2
3
4 5,6,7 8
9
10
11
MECHANICAL OUTLINE
.125
.145
.071
.250
MIN.
.100
.018
1.000
.785
.550
1.140
1.100
.250
MAX.
.062
.250
.690
.930
.115
.057
.010
.190


Similar Part No. - OM6425SP6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6001ST ETC2-OM6001ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
logo
International Rectifier
OM6001ST IRF-OM6001ST Datasheet
49Kb / 4P
   Isolated Hermetic Metal Package
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
   Isolated Hermetic Metal Package
logo
List of Unclassifed Man...
OM6002ST ETC-OM6002ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
More results

Similar Description - OM6425SP6

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1160 LINEAR-LT1160_1 Datasheet
229Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Linear Technology
LT1160 LINER-LT1160_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1162 LINER-LT1162_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1160 LINER-LT1160 Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
ON Semiconductor
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
NDF05N50Z ONSEMI-NDF05N50Z Datasheet
166Kb / 9P
   N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
NDD03N50Z ONSEMI-NDD03N50Z Datasheet
124Kb / 8P
   N-Channel Power MOSFET 500 V, 3.3 
July, 2010 ??Rev. 0
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com