Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV86 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LV86
Description  Quad 2-input exclusive-OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV86 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LV86 Datasheet HTML 1Page - NXP Semiconductors 74LV86 Datasheet HTML 2Page - NXP Semiconductors 74LV86 Datasheet HTML 3Page - NXP Semiconductors 74LV86 Datasheet HTML 4Page - NXP Semiconductors 74LV86 Datasheet HTML 5Page - NXP Semiconductors 74LV86 Datasheet HTML 6Page - NXP Semiconductors 74LV86 Datasheet HTML 7Page - NXP Semiconductors 74LV86 Datasheet HTML 8Page - NXP Semiconductors 74LV86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LV86 is a low-voltage Si-gate CMOS device that is pin and function compatible with
74HC86 and 74HCT86.
The 74LV86 provides a quad 2-input exclusive-OR function.
2.
Features
s Wide operating voltage: 1.0 V to 5.5 V
s Optimized for low voltage applications: 1.0 V to 3.6 V
s Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
s Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
s Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and
Tamb =25 °C
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
3.
Ordering information
74LV86
Quad 2-input exclusive-OR gate
Rev. 03 — 27 November 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LV86N
−40 °C to +125 °C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74LV86D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LV86DB
−40 °C to +125 °C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74LV86PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LV86BQ
−40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1


Similar Part No. - 74LV86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV86 NEXPERIA-74LV86 Datasheet
218Kb / 16P
   Quad 2-input exclusive-OR gate
Rev. 03 - 27 November 2007
logo
Diodes Incorporated
74LV86A DIODES-74LV86A Datasheet
306Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74LV86AS14 DIODES-74LV86AS14 Datasheet
306Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74LV86AS14-13 DIODES-74LV86AS14-13 Datasheet
306Kb / 9P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
More results

Similar Description - 74LV86

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com