Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G38 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G38
Description  2-input NAND gate; open drain
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G38 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G38 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G38 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVC1G38_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 27 August 2007
6 of 15
NXP Semiconductors
74LVC1G38
2-input NAND gate; open drain
[1]
All typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPZL and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC2 × fo) = sum of outputs.
VOL
LOW-level output voltage
VI =VIH or VIL
--
-
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
II
input leakage current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
--
±100
µA
IOZ
OFF-state output current
VI =VIH or VIL; VO =VCC or GND;
VCC = 5.5 V
--
±200
µA
IOFF
power-off leakage current VI or VO = 5.5 V; VCC = 0 V
-
-
±200
µA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO =0A
-
-
200
µA
∆ICC
additional supply current
VI =VCC − 0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V; per pin
-
-
5000
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B to Y; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.0
10.0
1.0
12.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.8
6.0
0.5
7.5
ns
VCC = 2.7 V
0.5
2.5
5.0
0.5
6.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.3
4.5
0.5
5.7
ns
VCC = 4.5 V to 5.5 V
0.5
1.5
3.9
0.5
4.9
ns
CPD
power dissipation
capacitance
VCC = 3.3 V;
VI = GND to VCC
[3]
-
6
---
pF


Similar Part No. - 74LVC1G38

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
logo
NXP Semiconductors
74LVC1G384 PHILIPS-74LVC1G384 Datasheet
114Kb / 22P
   Bilateral switch
Rev. 01-26 February 2004
74LVC1G384 NXP-74LVC1G384 Datasheet
126Kb / 22P
   Bilateral switch
Rev. 02-29 August 2007
logo
Nexperia B.V. All right...
74LVC1G384 NEXPERIA-74LVC1G384 Datasheet
332Kb / 23P
   Bilateral switch
Rev. 9 - 16 August 2022
More results

Similar Description - 74LVC1G38

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
STMicroelectronics
74V1G03 STMICROELECTRONICS-74V1G03_04 Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Nexperia B.V. All right...
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com