Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G66GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G66GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G66GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
74LVC1G66_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 27 August 2007
3 of 22
NXP Semiconductors
74LVC1G66
Bilateral switch
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level
Fig 4.
Pin configuration SOT353-1
and SOT753
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891
74LVC1G66
YVCC
Z
GND
E
001aad654
1
2
3
5
4
74LVC1G66
Z
001aag498
Y
GND
n.c.
VCC
E
Transparent top view
2
3
1
5
4
6
74LVC1G66
Z
001aag499
Y
GND
n.c.
VCC
E
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753
SOT886/SOT891
Y
1
1
independent input or output
Z
2
2
independent output or input
GND
3
3
ground (0 V)
E
4
4
enable input (active HIGH)
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input E
Switch
L
OFF-state
H
ON-state


Similar Part No. - 74LVC1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G66GW PHILIPS-74LVC1G66GW Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Nexperia B.V. All right...
74LVC1G66GW NEXPERIA-74LVC1G66GW Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GW-Q100 NEXPERIA-74LVC1G66GW-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Similar Description - 74LVC1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com