Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3541 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3541
Description  Complete Single-Conversion Television Tuner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3541 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3541 Datasheet HTML 3Page - Maxim Integrated Products MAX3541 Datasheet HTML 4Page - Maxim Integrated Products MAX3541 Datasheet HTML 5Page - Maxim Integrated Products MAX3541 Datasheet HTML 6Page - Maxim Integrated Products MAX3541 Datasheet HTML 7Page - Maxim Integrated Products MAX3541 Datasheet HTML 8Page - Maxim Integrated Products MAX3541 Datasheet HTML 9Page - Maxim Integrated Products MAX3541 Datasheet HTML 10Page - Maxim Integrated Products MAX3541 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Complete Single-Conversion
Television Tuner
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(MAX3541EV kit, VCC = +3.3V, VIFAGC = 3.0V, VRFAGC = 3.0V, TA = +25°C, unless otherwise noted.)
VHF-L PHASE NOISE AT 10kHz OFFSET
vs. CHANNEL FREQUENCY
CHANNEL FREQUENCY (MHz)
45
50
55
60
65
70
-105
-103
-101
-99
-97
-95
VHF-L PHASE NOISE AT 10kHz OFFSET
vs. CHANNEL FREQUENCY
CHANNEL FREQUENCY (MHz)
170
180
190
200
210
220
230
240
-100
-98
-96
-94
-92
-90
UHF PHASE NOISE AT 10kHz OFFSET
vs. CHANNEL FREQUENCY
CHANNEL FREQUENCY (MHz)
400
500
600
700
800
900
-95
-92
-89
-86
-83
-80
VHF PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (kHz)
-140
-120
-100
-80
-60
0.1
1
10
100
1000
fRF = 64.5MHz
UHF PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
0.1
1
10
100
1000
fRF = 801MHz
IFOUT1 NORMALIZED FREQUENCY RESPONSE
(5MHz to 200MHz)
FREQUENCY (MHz)
-20
-15
-10
-5
0
5
1
10
100
1000


Similar Part No. - MAX3541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3541 MAXIM-MAX3541 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX3541 MAXIM-MAX3541 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3541ELM++ MAXIM-MAX3541ELM+ Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3541EVKIT MAXIM-MAX3541EVKIT Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
More results

Similar Description - MAX3541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com