Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G384GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G384GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G384GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G384GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G384GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC1G384_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 29 August 2007
9 of 22
NXP Semiconductors
74LVC1G384
Bilateral switch
11. Dynamic characteristics
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 15. ON resistance as a function of input voltage; VCC = 5.0 V
VI (V)
05
4
23
1
001aaa711
5
4
6
7
RON
(
Ω)
3
(2)
(4)
(1)
(3)
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 18.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
Y to Z or Z to Y; see Figure 16
[2][3]
VCC = 1.65 V to 1.95 V
-
0.8
2.0
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
0.4
1.2
-
2.0
ns
VCC = 2.7 V
-
0.4
1.0
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
0.3
0.8
-
1.5
ns
VCC = 4.5 V to 5.5 V
-
0.2
0.6
-
1.0
ns
ten
enable time
E to Y or Z; see Figure 17
[4]
VCC = 1.65 V to 1.95 V
1.0
10.0
12.0
1.0
15.5
ns
VCC = 2.3 V to 2.7 V
1.0
5.7
6.5
1.0
8.5
ns
VCC = 2.7 V
1.0
5.4
6.0
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
4.8
5.0
1.0
6.5
ns
VCC = 4.5 V to 5.5 V
1.0
3.3
4.2
1.0
5.5
ns


Similar Part No. - 74LVC1G384GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G384GW PHILIPS-74LVC1G384GW Datasheet
114Kb / 22P
   Bilateral switch
Rev. 01-26 February 2004
logo
Nexperia B.V. All right...
74LVC1G384GW NEXPERIA-74LVC1G384GW Datasheet
332Kb / 23P
   Bilateral switch
Rev. 9 - 16 August 2022
74LVC1G384GW-Q100 NEXPERIA-74LVC1G384GW-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Similar Description - 74LVC1G384GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com