Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G384GV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC1G384GV
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G384GV Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC1G384GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
74LVC1G384_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 29 August 2007
4 of 22
NXP Semiconductors
74LVC1G384
Bilateral switch
8.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[3]
For TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
[1]
To avoid sinking GND current from terminal Z when switch current flows in terminal Y, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal Z, no GND current will flow from terminal Y. In this case, there is no limit
for the voltage drop across the switch.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
−50
-
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±50
mA
VSW
switch voltage
enable and disable mode
[2]
−0.5
VCC + 0.5
V
ISW
switch current
VSW > −0.5 V or VSW <VCC + 0.5 V
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 ° C to +125 °C
[3] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VSW
switch voltage
[1] 0-
VCC
V
Tamb
ambient temperature
−40
-
+125
°C
∆t/∆V
input transition rise and
fall rate
VCC = 1.65 V to 2.7 V
-
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
-
10
ns/V


Similar Part No. - 74LVC1G384GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G384GV PHILIPS-74LVC1G384GV Datasheet
114Kb / 22P
   Bilateral switch
Rev. 01-26 February 2004
logo
Nexperia B.V. All right...
74LVC1G384GV NEXPERIA-74LVC1G384GV Datasheet
332Kb / 23P
   Bilateral switch
Rev. 9 - 16 August 2022
74LVC1G384GV-Q100 NEXPERIA-74LVC1G384GV-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Similar Description - 74LVC1G384GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com