Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G386GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G386GW
Description  3-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G386GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G386GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74LVC1G386_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 3 September 2007
3 of 12
NXP Semiconductors
74LVC1G386
3-input EXCLUSIVE-OR gate
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
Table 3.
Pin description
Symbol
Pin
Description
A
1
data input
GND
2
ground (0 V)
B
3
data input
Y
4
data output
VCC
5
supply voltage
C
6
data input
Table 4.
Function table[1]
Input
Output
A
B
C
Y
LLLL
LLH
H
LH
LH
L
HHL
H
LLH
HL
HL
HHL
L
HHHH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input clamping current
VI < 0 V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
VO
output voltage
Active mode
[1][2]
−0.5
VCC + 0.5
V
Power-down mode
[1][2]
−0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
250
mW
Tstg
storage temperature
−65
+150
°C


Similar Part No. - 74LVC1G386GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G386GW PHILIPS-74LVC1G386GW Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386GW NEXPERIA-74LVC1G386GW Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
More results

Similar Description - 74LVC1G386GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com