Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G3157GV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G3157GV
Description  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G3157GV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G3157GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74LVC1G3157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 September 2007
7 of 22
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
RON(rail)
ON resistance (rail)
VI = GND; see Figure 8
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
8.2
18
-
27
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
ISW = 12 mA; VCC = 2.7 V
-
6.9
14
-
21
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
-
18
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
VI =VCC; see Figure 8
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
ISW = 12 mA; VCC = 2.7 V
-
7.0
18
-
27
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.1
15
-
23
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
RON(flat)
ON resistance
(flatness)
VI = GND to VCC
[2]
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
26.0
-
-
-
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
ISW = 12 mA; VCC = 2.7 V
-
3.5
-
-
-
ISW = 24 mA; VCC = 3 V to 3.6 V
-
2.0
-
-
-
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-
Table 8.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 9 to Figure 14.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


Similar Part No. - 74LVC1G3157GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G3157GV PHILIPS-74LVC1G3157GV Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC1G3157GV PHILIPS-74LVC1G3157GV Datasheet
260Kb / 26P
   2-channel analog multiplexer/demultiplexer
Rev. 5-6 December 2012
logo
Nexperia B.V. All right...
74LVC1G3157GV NEXPERIA-74LVC1G3157GV Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157GV-Q100 NEXPERIA-74LVC1G3157GV-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Similar Description - 74LVC1G3157GV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com