Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G02DC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G02DC
Description  Dual 2-input NOR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G02DC Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G02DC Datasheet HTML 1Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVC2G02 provides a 2-input NOR gate function.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s 5 V tolerant outputs for interfacing with 5 V logic
s High noise immunity
s
±24 mA output drive (V
CC = 3.0 V)
s CMOS low power consumption
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V)
s Latch-up performance exceeds 250 mA
s Direct interface with TTL levels
s Inputs accept voltages up to 5 V
s ESD protection:
x HBM EIA/JESD22-A114E exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s Multiple package options
s Specified from
−40 °C to +85 °C and −40 °C to +125 °C
74LVC2G02
Dual 2-input NOR gate
Rev. 05 — 4 September 2007
Product data sheet


Similar Part No. - 74LVC2G02DC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G02DC PANASONIC-74LVC2G02DC Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
NXP Semiconductors
74LVC2G02DC NXP-74LVC2G02DC Datasheet
102Kb / 16P
   Dual 2-input NOR gate
Rev. 07-6 June 2008
logo
Nexperia B.V. All right...
74LVC2G02DC NEXPERIA-74LVC2G02DC Datasheet
268Kb / 17P
   Dual 2-input NOR gate
Rev. 14 - 21 July 2021
74LVC2G02DC-Q100 NEXPERIA-74LVC2G02DC-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
More results

Similar Description - 74LVC2G02DC

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com