Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3840 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3840
Description  3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3840 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX3840_07 Datasheet HTML 1Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 2Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 3Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 4Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 5Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 6Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 7Page - Maxim Integrated Products MAX3840_07 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Chip Information
TRANSISTOR COUNT: 1200
PROCESS: Bipolar (SiGe)
17
18
19
20
21
22
23
VCC
DOA1-
DOA1+
VCC
DOA0-
DOA0+
VCC
8
7
6
5
4
3
2
SELB1
NOTE: THE EXPOSED PAD MUST BE SOLDERED
TO THE SUPPLY GROUND.
DIB0-
DIB0+
SELB0
ENB0
DIB1-
DIB1+
MAX3840
QFN
1
ENB1
24
GND
TOP VIEW
Pin Configurations
32
31
30
29
28
27
26
ENA1
DIA1-
DIA1+
ENA0
SELA0
DIA0-
DIA0+
25
SELA1
9
10
11
12
13
14
15
GND
VCC
DOB0-
DOB0+
VCC
DOB1-
DOB1+
16
VCC
17
18
19
20
21
22
23
8
7
6
5
4
3
2
NOTE: THE EXPOSED PAD MUST BE SOLDERED
TO THE SUPPLY GROUND.
MAX3840
THIN QFN
1
24
TOP VIEW
+3.3V, 2.7Gbps Dual 2 2 Crosspoint Switch
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.
PACKAGE TYPE
DOCUMENT NO.
32 QFN
21-0091
32 TQFN
21-0140
Revision History
Rev 1; 11/01:
Corrected specification.
Rev 2; 5/03:
Added package code (page 1); updated package drawing (page 10).
Rev 3; 5/05:
Added lead-free package (pages 1, 2, 8, 11, 12).
Rev 4; 12/05:
Changed input voltage swing from 1.5VP-P (max) to 2.0VP-P (max).
Rev 5; 9/07:
Added two AC amplitude specifications to increase test coverage for 2.5Gbps and 2.7GHz
clock inputs (page 3); removed package drawings and added package table (page 8).


Similar Part No. - MAX3840_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
More results

Similar Description - MAX3840_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3640 MAXIM-MAX3640 Datasheet
329Kb / 12P
   3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
ON Semiconductor
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com