Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G125GM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2G125GM
Description  Dual bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G125GM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G125GM Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 11Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 12Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74LVC2G125_8
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 08 — 7 September 2007
9 of 16
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
VEXT = Test voltage for switching times.
Fig 8.
Load circuitry for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10:
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
GND
2VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
GND
2VCC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open
GND
2VCC


Similar Part No. - 74LVC2G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G125GM PHILIPS-74LVC2G125GM Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G125GM NXP-74LVC2G125GM Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
74LVC2G125GM NXP-74LVC2G125GM Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125GM PHILIPS-74LVC2G125GM Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
More results

Similar Description - 74LVC2G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 NXP-74LVC2G125_10 Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com