Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G04GT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC3G04GT
Description  Triple inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G04GT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G04GT Datasheet HTML 4Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 5Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 6Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 7Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 8Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 9Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 10Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 11Page - NXP Semiconductors 74LVC3G04GT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74LVC3G04_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 5 October 2007
8 of 15
NXP Semiconductors
74LVC3G04
Triple inverter
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open


Similar Part No. - 74LVC3G04GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04GT NXP-74LVC3G04GT Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
Nexperia B.V. All right...
74LVC3G04GT NEXPERIA-74LVC3G04GT Datasheet
252Kb / 15P
   Triple inverter
Rev. 14 - 16 April 2021
More results

Similar Description - 74LVC3G04GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com