Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4066BQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC4066BQ
Description  Quad bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4066BQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC4066BQ Datasheet HTML 1Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 2Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 3Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 4Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 5Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 6Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 7Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 8Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC4066 is a high-speed Si-gate CMOS device.
The 74LVC4066 provides four single pole, single-throw analog switch functions. Each
switch has two input/output terminals (nY and nZ) and an active HIGH enable input (nE).
When nE is LOW, the analog switch is turned off.
Schmitt-trigger action at the enable inputs makes the circuit tolerant of slower input rise
and fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s Very low ON resistance:
x 7.5
Ω (typical) at V
CC = 2.7 V
x 6.5
Ω (typical) at V
CC = 3.3 V
x 6
Ω (typical) at V
CC = 5 V
s Switch current capability of 32 mA
s High noise immunity
s CMOS low-power consumption
s Direct interface TTL-levels
s Latch-up performance exceeds 250 mA
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s Enable inputs accept voltages up to 5 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74LVC4066
Quad bilateral switch
Rev. 02 — 27 August 2007
Product data sheet


Similar Part No. - 74LVC4066BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4066BQ PHILIPS-74LVC4066BQ Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
logo
Nexperia B.V. All right...
74LVC4066BQ NEXPERIA-74LVC4066BQ Datasheet
303Kb / 20P
   Quad bilateral switch
Rev. 6 - 26 March 2020
74LVC4066BQ-Q100 NEXPERIA-74LVC4066BQ-Q100 Datasheet
777Kb / 23P
   Quad bilateral switch
More results

Similar Description - 74LVC4066BQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com