Electronic Components Datasheet Search |
|
SN74AUP1G00 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
SN74AUP1G00 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 17 page www.ti.com PARAMETER MEASUREMENT INFORMATION VM From Output Under Test CL (see Note A) LOAD CIRCUIT 1 M Ω VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Output NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns. C. The outputs are measured one at a time, with one transition per measurement. D. tPLH and tPHL are the same as tpd. E. All parameters and waveforms are not applicable to all devices. VM VM VM VM VM 5, 10, 15, 30 pF VCC/2 VCC VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC CL VM VI 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC th tsu Data Input Timing Input VCC 0 V VCC 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VCC/2 VCC/2 VCC/2 VCC/2 VCC VCC/2 SN74AUP1G00 LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE SCES604E – SEPTEMBER 2004 – REVISED MAY 2007 (Propagation Delays, Setup and Hold Times, and Pulse Width) Figure 3. Load Circuit and Voltage Waveforms 7 Submit Documentation Feedback |
Similar Part No. - SN74AUP1G00 |
|
Similar Description - SN74AUP1G00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |