Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7S3236T4C-FECI45 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7S3236T4C-FECI45
Description  1Mx36 & 2Mx18 QDRTM II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7S3236T4C-FECI45 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7S3236T4C-FECI45 Datasheet HTML 6Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 7Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 8Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 9Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 10Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 11Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 12Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 13Page - Samsung semiconductor K7S3236T4C-FECI45 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1Mx36 & 2Mx18 QDRTM II+ b4 SRAM
K7S3236T4C
K7S3218T4C
- 10 -
Rev. 1.2 March 2007
ABSOLUTE MAXIMUM RATINGS
Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.5 to 2.9
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.5 to VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.5 to VDD+0.3
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial / Industrial
TOPR
0 to 70 / -40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
OPERATING CONDITIONS (0°C ≤ TA ≤ 70°C)
Note: 1. VDDQ must not exceed VDD during normal operation.
2. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring
timing parameters.
3. VIL (Min)DC=
-0.3V, VIL (Min)AC=-1.5V(pulse width ≤ 3ns).
4. VIH (Max)DC=
VDDQ+0.3V, VIH (Max)AC=VDDQ+0.85V(pulse width ≤ 3ns).
5. Overshoot : VIH (AC)
VDDQ+0.5V for t ≤ 50% tKHKH(MIN).
Undershoot: VIL (AC)
VSS-0.5V for t ≤ 50% tKHKH(MIN).
6. This condition is for AC function test only, not for AC parameter test.
7. To maintain a valid level, the transiting edge of the input must:
a) Sustain a constant slew rate from the current AC level through the target AC level, VIL(AC) or VIH(AC)
b) Reach at least the target AC level
c) After the AC target level is reached, continue to maintain at least the target DC level, VIL(DC) or VIH(DC)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
1.7
1.8
1.9
V
VDDQ
1.4
1.5
1.6
V
Reference Voltage
VREF
0.7
0.75
0.8
V
Input Low Voltage(DC) 2,3)
VIL(DC)
-0.3
-
VREF - 0.1
V
Input High Voltage(DC) 2,4)
VIH(DC)
VREF + 0.1
-
VDDQ + 0.3
V
Input Low Voltage(AC) 6,7)
VIL(AC)
--
VREF - 0.2
V
Input Highj Voltage(AC) 6,7)
VIH(AC)
VREF + 0.2
-
-
V


Similar Part No. - K7S3236T4C-FECI45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results

Similar Description - K7S3236T4C-FECI45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com