Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6775MTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6775MTRPBF
Description  DIGITAL AUDIO MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6775MTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6775MTRPBF Datasheet HTML 1Page - International Rectifier IRF6775MTRPBF Datasheet HTML 2Page - International Rectifier IRF6775MTRPBF Datasheet HTML 3Page - International Rectifier IRF6775MTRPBF Datasheet HTML 4Page - International Rectifier IRF6775MTRPBF Datasheet HTML 5Page - International Rectifier IRF6775MTRPBF Datasheet HTML 6Page - International Rectifier IRF6775MTRPBF Datasheet HTML 7Page - International Rectifier IRF6775MTRPBF Datasheet HTML 8Page - International Rectifier IRF6775MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6775MTRPbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.53mH, RG = 25Ω, IAS = 11.2A.
ƒ Surface mounted on 1 in. square Cu board.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to 80% VDSS.
† Used double sided cooling , mounting pad with large heatsink.
‡ Mounted on minimum footprint full size board with
metalized back and with small clip heatsink.
ˆ TC measured with thermal couple mounted to top
(Drain) of part.
‰ Rθ is measured at TJ of approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
47
56
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
–––
3.0
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
gfs
Forward Transconductance
11
–––
–––
S
Qg
Total Gate Charge
–––
25
36
VDS = 75V
Qgs1
Pre-Vth Gate-to-Source Charge
–––
5.8
–––
VGS = 10V
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.4
–––
ID = 5.6A
Qgd
Gate-to-Drain Charge
–––
6.6
–––
nC
See Fig. 6 and 17
Qgodr
Gate Charge Overdrive
–––
11
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.0
–––
td(on)
Turn-On Delay Time
–––
5.9
–––
tr
Rise Time
–––
7.8
–––
td(off)
Turn-Off Delay Time
–––
5.8
–––
ns
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
1411
–––
Coss
Output Capacitance
–––
193
–––
Crss
Reverse Transfer Capacitance
–––
40
–––
pF
Coss
Output Capacitance
–––
1557
–––
Coss
Output Capacitance
–––
93
–––
Coss eff.
Effective Output Capacitance
–––
175
–––
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
–––
–––
28
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
39
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
62
–––
ns
Qrr
Reverse Recovery Charge
–––
164
–––
nC
VDD = 75V
ID = 5.6A
RG = 6.0Ω
VGS = 20V
VGS = -20V
Conditions
VDS = 50V, ID = 5.6A
TJ = 25°C, IS = 5.6A, VGS = 0V f
TJ = 25°C, IF = 5.6A, VDD = 25V
di/dt = 100A/μs
f
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.6A f
VDS = VGS, ID = 100μA
VDS = 150V, VGS = 0V
VDS = 120V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 120V g
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 120V, ƒ = 1.0MHz


Similar Part No. - IRF6775MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6775MTRPBF IRF-IRF6775MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

Similar Description - IRF6775MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com