Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7105QPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7105QPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7105QPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7105QPBF Datasheet HTML 1Page - International Rectifier IRF7105QPBF Datasheet HTML 2Page - International Rectifier IRF7105QPBF Datasheet HTML 3Page - International Rectifier IRF7105QPBF Datasheet HTML 4Page - International Rectifier IRF7105QPBF Datasheet HTML 5Page - International Rectifier IRF7105QPBF Datasheet HTML 6Page - International Rectifier IRF7105QPBF Datasheet HTML 7Page - International Rectifier IRF7105QPBF Datasheet HTML 8Page - International Rectifier IRF7105QPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7105QPbF
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 11a. Gate Charge Test Circuit
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
VDS
10V
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDD
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
QG
QGS
QGD
VG
Charge
Fig 11b. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10V
N-Channel
VSD , Source-to-Drain Voltage ( V )
VDS , Drain-to-Source Voltage ( V )
TA , Ambient Temperature ( °C )


Similar Part No. - IRF7105QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7105QPBF IRF-IRF7105QPBF_10 Datasheet
316Kb / 10P
   HEXFETPOWERMOSFET
More results

Similar Description - IRF7105QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com