Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD4017R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD4017R
Description  Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD4017R Datasheet(HTML) 5 Page - Sony Corporation

  CXD4017R Datasheet HTML 1Page - Sony Corporation CXD4017R Datasheet HTML 2Page - Sony Corporation CXD4017R Datasheet HTML 3Page - Sony Corporation CXD4017R Datasheet HTML 4Page - Sony Corporation CXD4017R Datasheet HTML 5Page - Sony Corporation CXD4017R Datasheet HTML 6Page - Sony Corporation CXD4017R Datasheet HTML 7Page - Sony Corporation CXD4017R Datasheet HTML 8Page - Sony Corporation CXD4017R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
– 5 –
CXD4017R
Pin
No.
Symbol
I/O
Description
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
SCMODE
VSS
OSCI
VDDE
VSS
OSCO
TEST0
TEST1
TEST2
TEST3
TEST4
TEST5
TEST6
TEST7
TEST8
TEST9
BCK
TEST10
VDDE
VSS
VDDI
LRCK
DAOUT
DTVALID
EMPFS0
EMPFS1
TEST11
I
I
O
I
I
I
I
I
I
I
I
O
O
O
O
O
O
O
O
O
I
Control mode selection (low: pin setting, high: serial setting)
Digital GND
Crystal oscillator circuit input (12.288MHz)
Digital I/O power supply
Digital GND
Crystal oscillator circuit output (12.288MHz)
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally fixed at low
Test pin, normally open
Test pin, normally open
Bit clock output
Test pin, normally open
Digital I/O power supply
Digital GND
Digital internal power supply
Audio sample clock output
Output data for audio DAC
Data valid flag output (DTVALID, low: invalid, high: valid)
Emphasis, fs information output
Test pin, normally fixed at high


Similar Part No. - CXD4017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
More results

Similar Description - CXD4017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
   Digital Signal Processor for Audio Applications
logo
Samsung semiconductor
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com